Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8484 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8484
Description  18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8484 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8484 Datasheet HTML 1Page - Texas Instruments ADS8484 Datasheet HTML 2Page - Texas Instruments ADS8484 Datasheet HTML 3Page - Texas Instruments ADS8484 Datasheet HTML 4Page - Texas Instruments ADS8484 Datasheet HTML 5Page - Texas Instruments ADS8484 Datasheet HTML 6Page - Texas Instruments ADS8484 Datasheet HTML 7Page - Texas Instruments ADS8484 Datasheet HTML 8Page - Texas Instruments ADS8484 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
SPECIFICATIONS
ADS8484
SLAS511 – NOVEMBER 2007
TA = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1.25 MSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
+IN – (–IN)
–Vref
Vref
V
+IN
–0.2
Vref + 0.2
Absolute input voltage
V
–IN
–0.2
Vref + 0.2
Common-mode input range
(Vref)/2 – 0.2
(Vref)/2 (Vref)/2 + 0.2
V
Input capacitance
65
pF
Input leakage current
1
nA
SYSTEM PERFORMANCE
Resolution
18
Bits
ADS8484I
18
No missing codes
Bits
ADS8484IB
18
ADS8484I
–4
±1.5
4
LSB
INL
Integral linearity (2)
(18 bit)(3)
ADS8484IB
–2.5
±1.5
2.5
ADS8484I
–1
–0.6/0.8
2
LSB
DNL
Differential linearity
(18 bit)
ADS8484IB
–1
–0.6/0.8
1.5
ADS8484I
–2
±1
2
Offset error(4)
mV
ADS8484IB
–0.5
±0.1
0.5
ADS8484I
±0.05
Offset error temperature drift
ppm/
°C
ADS8484IB
±0.05
ADS8484I
Vref = 4.096 V
–0.1
±0.035
0.1
%FS
EG
Gain error(4) (5)
ADS8484IB
Vref = 4.096 V
–0.1
±0.035
0.1
%FS
ADS8484I
±0.5
Gain error temperature drift
ppm/
°C
ADS8484IB
±0.5
At dc (±0.2 V around Vref/2)
60
CMRR
Common-mode rejection ratio
dB
+IN – (–IN) = 1 Vpp at 1.25 MHz
55
Noise
30
µV RMS
Power supply rejection ratio
At 1FFFFh output code
60
dB
SAMPLING DYNAMICS
Conversion time
575
610
ns
Acquisition time
175
200
ns
Throughput rate
1.25
MHz
Aperture delay
4
ns
Aperture jitter
5
ps
Step response
150
ns
Over voltage recovery
150
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
This is endpoint INL, not best fit.
(3)
LSB means least significant bit
(4)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 8.192 V
(5)
This specification does not include the internal reference voltage error and drift.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8484


Similar Part No. - ADS8484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484IBRGZT TI1-ADS8484IBRGZT Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8484IRGZT TI1-ADS8484IRGZT Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com