Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7222 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7222
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222 Datasheet(HTML) 1 Page - Texas Instruments

  AFE7222 Datasheet HTML 1Page - Texas Instruments AFE7222 Datasheet HTML 2Page - Texas Instruments AFE7222 Datasheet HTML 3Page - Texas Instruments AFE7222 Datasheet HTML 4Page - Texas Instruments AFE7222 Datasheet HTML 5Page - Texas Instruments AFE7222 Datasheet HTML 6Page - Texas Instruments AFE7222 Datasheet HTML 7Page - Texas Instruments AFE7222 Datasheet HTML 8Page - Texas Instruments AFE7222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
AFE7222
AFE7225
www.ti.com
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
Analog Front End Wideband Mixed-Signal Transceiver
Check for Samples: AFE7222, AFE7225
1
INTRODUCTION
1.1
FEATURES
1
– TX Path Interpolation by 2 or 4
• AFE7225
– RX Path Decimation by 2
– Dual 12-Bit 250MSPS TX DACs
– 3.0V/1.8V Supplies, Low Power
– Dual 12-Bit 125MSPS RX ADCs
– Fast Wakeup Modes for Half-Duplex
• AFE7222
– Coarse or Fine Digital Mixer
– Dual 12-Bit 130MSPS TX DACs
– Quadrature Modulation Corrections
– Dual 12-Bit 65MSPS RX ADCs
– Clock Input Divide/Multiply
• OPTIONS
– Serial LVDS or Interleaved Parallel CMOS
– Dual 12-Bit Auxiliary DACs
Interface
– Dual Input 12-Bit Auxiliary ADC
– 64-Pin QFN Package (9mm × 9mm)
1.2
APPLICATIONS
Portable, Low Power Radio
Wireless Infrastructure
Point-to-Point Radio
Pico-Cell BTS
1.3
DESCRIPTION
The AFE7225/7222 is an analog front end designed for full- or half-duplex radios. Over-sampling transmit
12-bit DACs provide output frequencies from baseband to Nyquist. Under-sampling receive 12-bit ADCs
allow analog inputs from baseband to ~230MHz. Most blocks within the AFE7225/7222 are independently
controlled for optimization of power consumption versus utilization. Two auxiliary control 12-bit DACs and
a dual input auxiliary monitoring 12-bit ADC are available via serial interface. Digital features include QMC
(quadrature modulation correction), interpolation, decimation, RMS/peak power meter and mixers with
independent NCOs for RX and TX path.
The AFE7225/7222 is available in a 64-pin 9x9mm QFN package (RGC). The AFE7225/7222 is built on
Texas Instrument’s low power analog CMOS process and is specified over the full industrial temperature
range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - AFE7222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com