Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1802 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 2 Page - Texas Instruments

  AM1802 Datasheet HTML 1Page - Texas Instruments AM1802 Datasheet HTML 2Page - Texas Instruments AM1802 Datasheet HTML 3Page - Texas Instruments AM1802 Datasheet HTML 4Page - Texas Instruments AM1802 Datasheet HTML 5Page - Texas Instruments AM1802 Datasheet HTML 6Page - Texas Instruments AM1802 Datasheet HTML 7Page - Texas Instruments AM1802 Datasheet HTML 8Page - Texas Instruments AM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Timers)
– 361-Ball Pb-Free Plastic Ball Grid Array
(PBGA) [ZWT Suffix], 0.80-mm Ball Pitch
• Packages:
• Industrial Temperature
– 361-Ball Pb-Free Plastic Ball Grid Array
(PBGA) [ZCE Suffix], 0.65-mm Ball Pitch
1.2
Description
The device is a low-power applications processor based on ARM926EJ-S™.
The device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance life through the maximum
flexibility of a fully integrated mixed processor solution.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and Data and program Memory
Management Units (MMUs) with table look-aside buffers. It has separate 16K-byte instruction and 16K-
byte data caches. Both are four-way associative with virtual index virtual tag (VIVT). The ARM core also
has a 8KB RAM (Vector Table) and 64KB ROM.
The peripheral set includes: a 10/100 Mb/s Ethernet MAC (EMAC) with a Management Data Input/Output
(MDIO) module; one USB2.0 OTG interface; one inter-integrated circuit (I2C) Bus interfaces; one
multichannel audio serial port (McASP) with 16 serializers and FIFO buffers; two SPI interfaces with
multiple chip selects; four 64-bit general-purpose timers each configurable (one configurable as
watchdog) ; up to 9 banks of 16 pins of general-purpose input/output (GPIO) with programmable
interrupt/event generation modes, multiplexed with other peripherals; three UART interfaces (each with
RTS and CTS); and 2 external memory interfaces: an asynchronous and SDRAM external memory
interface (EMIFA) for slower memories or peripherals, and a higher speed DDR2/Mobile DDR controller.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the device and a
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and 100 Mbps
in either half- or full-duplex mode. Additionally an Management Data Input/Output (MDIO) interface is
available for PHY configuration. The EMAC supports both MII and RMII interfaces.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The device has a complete set of development tools for the ARM . These include C compilers, and
scheduling, and a Windows™ debugger interface for visibility into source code execution.
2
Device Summary
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802


Similar Part No. - AM1802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1802 TI1-AM1802 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1802BZCED3 TI1-AM1802BZCED3 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1802BZWTD3 TI1-AM1802BZWTD3 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1802EZCED3 TI1-AM1802EZCED3 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1802EZWTD3 TI1-AM1802EZWTD3 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
More results

Similar Description - AM1802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com