Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC9-151-112 Datasheet(PDF) 11 Page - NEC

Part # SBC9-151-112
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBC9-151-112 Datasheet(HTML) 11 Page - NEC

Back Button SBC9-151-112 Datasheet HTML 7Page - NEC SBC9-151-112 Datasheet HTML 8Page - NEC SBC9-151-112 Datasheet HTML 9Page - NEC SBC9-151-112 Datasheet HTML 10Page - NEC SBC9-151-112 Datasheet HTML 11Page - NEC SBC9-151-112 Datasheet HTML 12Page - NEC SBC9-151-112 Datasheet HTML 13Page - NEC SBC9-151-112 Datasheet HTML 14Page - NEC SBC9-151-112 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
SMD Type
Temperature rise
0.1
0.2
0.3
0.4
0.5
0
0
5
10
15
20
25
30
35
40
Idc
(A)
MPC1250LR36C
10
20
30
40
50
60
80
70
0
0
5
10
15
20
25
30
35
40
0.1
0.2
0.3
0.6
0.5
0.7
0
Idc
(A)
0.4
MPC1250LR50C
10
20
30
40
50
60
80
70
0
Idc
(A)
0.2
0.4
0.6
0.8
1.4
1.0
1.2
0
0
5
10
15
30
20
25
MPC1055L1R0C
10
20
30
40
50
60
80
70
0
0.1
0.2
0.3
0.4
0.5
0
0
5
10
15
20
25
30
35
40
Idc
(A)
MPC1055LR36C
10
20
30
40
50
60
80
70
0
MPC0740
, 0750 Series(1000pcs./reel)
[mm]
±0.1
7.0
B
±0.1
8.0
W
±0.2
16.0
F
±0.1
7.5
E
±0.1
1.75
P1
±0.1
12.0
P2
±0.1
2.0
P00
±0.1
4.0
øD
±0.05
1.55
T
±0.05
0.4
K
±0.1
5.3
[mm]
±2.0
ø330
±0.5
2.0
±0.2
ø13.0
±0.8
ø21.0
R1.0
±1.0
17.5
E
CD
r
W1
W2
±1.0
21.5
±1.0
ø80
B
W2
W1
C
E
D
A
P1
P0
P2
øD0
K
T
Dimensions of indented square hole plastic tape
Reel dimensions
Power Inductors VOL.10
11
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0


Similar Part No. - SBC9-151-112

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBC9-151-112 KEMET-SBC9-151-112 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
More results

Similar Description - SBC9-151-112

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com