Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7891 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments AMC7891 Datasheet HTML 10Page - Texas Instruments AMC7891 Datasheet HTML 11Page - Texas Instruments AMC7891 Datasheet HTML 12Page - Texas Instruments AMC7891 Datasheet HTML 13Page - Texas Instruments AMC7891 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
0
128
256
384
512
640
768
896
1024
Code
T=25ºC
G001
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
0
128
256
384
512
640
768
896
1024
Code
T=25ºC
G002
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
−40
−20
0
20
40
60
80
100
120
INL Max
INL Min
Temperature (°C)
G003
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
−40
−20
0
20
40
60
80
100
120
DNL Max
DNL Min
Temperature (°C)
G004
−5
−4
−3
−2
−1
0
1
2
3
4
5
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G005
−200
−150
−100
−50
0
50
100
150
200
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G006
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC
AVDD = 5 V, GPIOVDD = 5 V, SPIVDD = 5 V, AGND = DGND = 0 V, External ADC reference = AVDD
(unless otherwise noted)
Figure 3. DAC INTEGRAL NON-LINEARITY
Figure 4. DAC DIFFERENTIAL NON-LINEARITY
Figure 5. DAC INL vs. TEMPERATURE
Figure 6. DAC DNL vs. TEMPERATURE
Figure 7. DAC OFFSET ERROR vs. TEMPERATURE
Figure 8. DAC GAIN ERROR vs. TEMPERATURE
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891


Similar Part No. - AMC7891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
More results

Similar Description - AMC7891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com