Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7891SRHHR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891SRHHR
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891SRHHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7891SRHHR Datasheet HTML 2Page - Texas Instruments AMC7891SRHHR Datasheet HTML 3Page - Texas Instruments AMC7891SRHHR Datasheet HTML 4Page - Texas Instruments AMC7891SRHHR Datasheet HTML 5Page - Texas Instruments AMC7891SRHHR Datasheet HTML 6Page - Texas Instruments AMC7891SRHHR Datasheet HTML 7Page - Texas Instruments AMC7891SRHHR Datasheet HTML 8Page - Texas Instruments AMC7891SRHHR Datasheet HTML 9Page - Texas Instruments AMC7891SRHHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (DAC SPECIFICATIONS)
AVDD = 4.75 to 5.5 V, GPIOVDD = 1.8 to 5.5 V, SPIVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, External ADC reference = AVDD,
TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC ACCURACY
Resolution
10
Bits
INL
Relative accuracy
±0.05
±1
LSB
DNL
Differential nonlinearity
Specified monotonic
±0.1
±1
LSB
Offset error
Code 0x008
±0.5
±5
mV
Gain error
±0.025
±0.2
%FSR
Offset temperature coefficient
±1
ppm/
°C
Gain temperature coefficient
±1
ppm/
°C
DAC OUTPUT (1)
Full scale output voltage range
0
AVDD
V
Transition: Code 0x008 to 0x3F8 to within 1/2 LSB,
Output voltage settling time
5
µs
CL = 2 nF, RL = ∞
Slew rate
2
V/
µs
Short circuit current
Full-scale current shorted to ground or pulled to AVDD
±30
mA
Load current
Source and/or sink within 300 mV of supply
±10
mA
Capacitive load stability
RL = ∞
10
nF
DC output impedance
1
Ω
Power-on overshoot
AVDD 0 to 5 V, 2 ms ramp
10
mV
Glitch energy
Transition: Code 0x1FF to 0x200; 0x200 to 0x1FF
0.15
nV-s
TA = 25°C, 1 kHz
260
nV/
√Hz
Output noise
Integrated noise from 0.1 Hz to 10 Hz
20
µVPP
(1)
Specified by design and characterization. Not tested during production.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891


Similar Part No. - AMC7891SRHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
More results

Similar Description - AMC7891SRHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com