Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq2084DBT-V150 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # bq2084DBT-V150
Description  SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq2084DBT-V150 Datasheet(HTML) 7 Page - Texas Instruments

Back Button bq2084DBT-V150 Datasheet HTML 3Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 4Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 5Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 6Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 7Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 8Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 9Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 10Page - Texas Instruments bq2084DBT-V150 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
OSCILLATOR FUNCTION
bq2084-V150
SLUS758 – JUNE 2007
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NAME
TSSOP
DISP
17
I
Display control for the LED drivers LED1 through LED5
CLKOUT
35
O
32.768-kHz output to the bq29312A
FILT
32
I
Analog input connected to the external PLL filter
EVENT
25
I
Input from bq29312A XALERT output
LED1
24
O
LED2
23
O
LED3
22
O
LED display segments that each may drive an external LED
LED4
21
O
LED5
20
O
MRST
26
I
Master reset input that forces the device into reset when held high
NC
7, 13, 14, 36, 37
No connection
PFIN
18
I
Active low input to detect secondary protector output status
PRES
5
I
Active low input to sense system insertion
PU
4
O
Output to pull up the PRES pin for detection
Register backup that provides backup potential to the bq2084-V150 data registers during
RBI
9
I
periods of low operating voltage. RBI accepts a storage capacitor or a battery input.
SAFE
12
O
Active low output for additional level of safety protection; e.g., fuse blow.
SCLK
6
O
Communication clock to the bq29312A
SDATA
10
I/O
Data transfer to and from bq29312A
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the
SMBC
15
I/O
bq2084-V150
SMBus data open-drain bidirectional pin used to transfer address and data to and from
SMBD
16
I/O
the bq2084-V150
SR1
28
I
Connections for a small-value sense resistor to monitor the battery charge- and
discharge-current flow
SR2
27
I
TS
2
I
Thermistor voltage input connection to monitor temperature
VDDA
31
I
Positive supply for analog circuitry
VDDD
8
I
Positive supply for digital circuitry and I/O pins
VIN
1
I
Single-cell voltage input from the bq29312A
VSSA
3, 29, 30
I
Negative supply for analog circuitry
VSSD
11, 19, 38
I
Negative supply for digital circuitry
XCK1/VSSA
34
I
32.768-kHz crystal oscillator input pin or connected to VSSA if the internal oscillator is
used
32.768-kHz crystal oscillator output pin or connected to a 100-k
Ω, 50 ppm or better
XCK2/ROSC
33
O
resistor if the internal oscillator is used
The oscillator of the bq2084-V150 can be set up for an internal or external operation. As the bq2084-V150
powers up it automatically attempts to start the internal oscillator, but if a 100-k
Ω resistor is not connected to
ROSC (pin 33), then it attempts to start the oscillator using an external 32.768-kHz crystal. Either the 100-k
ROSC resistor OR the 12 pF 32.768-kHz crystal should be mounted, NOT both.
The performance of the internal oscillator depends on the tolerance of the 100-k
Ω resistor connected between
7
Submit Documentation Feedback


Similar Part No. - bq2084DBT-V150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBT-V150 TI1-BQ2084DBT-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBT-V150G4 TI1-BQ2084DBT-V150G4 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results

Similar Description - bq2084DBT-V150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com