Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24030IRHLRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24030IRHLRQ1
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24030IRHLRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24030IRHLRQ1 Datasheet HTML 1Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 2Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 3Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 4Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 5Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 6Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 7Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 8Page - Texas Instruments BQ24030IRHLRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
bq24030-Q1
bq24031-Q1
SLUS793B – APRIL 2008 – REVISED OCTOBER 2009.................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The power select pin (PSEL) defines which input source is to be used first (primary source is either AC or USB).
If the primary source is not available, then the IC automatically switches over to the secondary source (if
available) or the battery as the last option. If the PSEL is set low, the USB input is selected first and (if not
available) the AC line is selected (if available) but programmed to a USB input limiting rate (100 mA/500 mA
max). This feature allows the use of one input connector, where the host programs the PSEL pin according to
what source is connected (AC adapter or USB port).
The ISET1 pin programs the battery's fast-charge constant current level with a resistor. During normal AC
operation, the input supply provides power to both the OUT (system) and BAT pins. For peak or excessive loads
(typically when operating from the USB power, PSEL = low) that would cause the input source to enter current
limit (or Q3 – USB FET limiting current) and its source and system voltage (OUT pin) to drop, the dynamic
power-path management (DPPM) feature reduces the charging current attempting to prevent any further drop in
system voltage. This feature allows the selection of a lower current rated adapter based on the average load
(ISYS-AVG + IBAT-PGM), rather than a high peak transient load.
ORDERING INFORMATION(1) (2)
OUT PIN FOR AC
BATTERY
ORDERABLE
TOP-SIDE
TA
INPUT CONDITIONS
PACKAGE (4)
VOLTAGE (V)
PART NUMBER
MARKING
(3)
4.2
Regulated to 6 V(5)
BQ24030IRHLRQ1
BQ24030
–40°C to 85°C
QFN – RHL
Reel of 3000
4.1
Regulated to 6 V(5)
BQ24031IRHLRQ1
BQ24031
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3)
When power is applied via the USB pin (PSEL = low), the input voltage is switched straight through to the OUT pin, unless the USB
input current limit is active, and then the OUT pin voltage typically drops to the DPPM-OUT threshold or battery voltage (whichever is
higher).
(4)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(5)
If AC < VO(OUT-REG), the AC is connected to the OUT pin by a P-FET (Q1).
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24030-Q1 bq24031-Q1


Similar Part No. - BQ24030IRHLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030 Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24030 TI-BQ24030 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030RHLR TI-BQ24030RHLR Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030RHLR TI-BQ24030RHLR Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results

Similar Description - BQ24030IRHLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com