Electronic Components Datasheet Search |
|
BQ24075-Q1 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
BQ24075-Q1 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 36 page bq24075-Q1 SLUSAU3B – FEBRUARY 2012 – REVISED MARCH 2012 www.ti.com ELECTRICAL CHARACTERISTICS Over ambient temperature range (-40C° ≤ TA ≤ 125°C) and the recommended supply voltage range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT INPUT UVLO Undervoltage lock-out VIN: 0 V → 4 V 3.2 3.3 3.4 V Vhys Hysteresis on UVLO VIN: 4 V → 0 V 200 300 mV Input power detected when VIN > VBAT + VIN(DT) VIN(DT) Input power detection threshold 50 80 135 mV VBAT = 3.6 V, VIN: 3.5 V → 4 V Vhys Hysteresis on VIN(DT) VBAT = 3.6 V, VIN: 4 V → 3.5 V 20 mV Time measured from VIN: 0 V → 5 V 1 μs tDGL(PGOOD) Deglitch time, input power detected status 1.2 ms rise-time to PGOOD = LO VOVP Input overvoltage protection threshold VIN: 5 V → 7 V 6.4 6.6 6.8 V Vhys Hysteresis on OVP VIN: 7 V → 5V 110 mV tDGL(OVP) Input overvoltage blanking time (OVP fault deglitch) 50 μs Time measured from VIN: 11 V → 5 V with 1 μs tREC Input overvoltage recovery time 1.2 ms fall-time to PGOOD = LO ILIM, ISET SHORT CIRCUIT DETECTION (CHECKED DURING STARTUP) ISC Current source VIN > UVLO and VIN > VBAT + VIN(DT) 1.3 mA VSC VIN > UVLO and VIN > VBAT + VIN(DT) 520 mV QUIESCENT CURRENT CE = LO or HI, input power not detected, IBAT(PDWN) Sleep current into BAT pin 12 μA No load on OUT pin, Ta = 125°C EN1= HI, EN2=HI, VIN = 6 V, Ta= 125°C 65 IIN Standby current into IN pin μA EN1= HI, EN2=HI, VIN = 10 V, Ta= 125°C 200 CE = LO, VIN = 6 V, no load on OUT pin, ICC Active supply current, IN pin 1.5 mA VBAT > VBAT(REG), (EN1, EN2) ≠ (HI, HI) POWER PATH VDO(IN-OUT) VIN – VOUT VIN = 4.3 V, IIN = 1A, VBAT = 4.2V 300 475 mV VDO(BAT-OUT) VBAT – VOUT IOUT = 1 A, VIN = 0 V, VBAT > 3 V 50 100 mV VO(REG) OUT pin voltage regulation VIN > VOUT + VDO(IN-OUT) 5.4 5.5 5.65 V EN1 = LO, EN2 = LO 85 95 100 mA IINmax Maximum input current EN1 = HI, EN2 = LO 440 475 500 EN2 = HI, EN1 = LO KILIM/RILIM A ILIM = 500mA to 1.5A 1500 1610 1720 KILIM Maximum input current factor A Ω ILIM = 200mA to 500mA 1300 1525 1770 IINmax Programmable input current limit range EN2 = HI, EN1 = LO, RILIM = 8 kΩ to 1.1 kΩ 200 1500 mA Input voltage threshold when input current is VIN-DPM EN2 = LO, EN1 = X 4.35 4.5 4.63 V reduced Output voltage threshold when charging current is 4.2 4.3 4.4 V VDPPM reduced VOUT ≤ VBAT VBSUP1 Enter battery supplement mode VBAT = 3.6V, RILIM = 1.5kΩ, RLOAD = 10Ω → 2Ω V –40mV VOUT ≥ VBSUP2 Exit battery supplement mode VBAT = 3.6V, RILIM = 1.5kΩ, RLOAD = 2Ω → 10Ω V VBAT–20mV VO(SC1) Output short-circuit detection threshold, power-on VIN > VUVLO and VIN > VBAT + VIN(DT) 0.8 0.9 1 V Output short-circuit detection threshold, supplement VO(SC2) VIN > VUVLO and VIN > VBAT + VIN(DT) 200 250 300 mV mode VBAT – VOUT > VO(SC2) indicates short-circuit tDGL(SC2) Deglitch time, supplement mode short circuit 250 μs tREC(SC2) Recovery time, supplement mode short circuit 60 ms 4 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Link(s): bq24075-Q1 |
Similar Part No. - BQ24075-Q1 |
|
Similar Description - BQ24075-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |