Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24130RHLT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # bq24130RHLT
Description  600-kHz Synchronous Switch-Mode Host-Controlled Battery/Supercapacitor Charger With 4-A Integrated MOSFETs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24130RHLT Datasheet(HTML) 10 Page - Texas Instruments

Back Button bq24130RHLT Datasheet HTML 6Page - Texas Instruments bq24130RHLT Datasheet HTML 7Page - Texas Instruments bq24130RHLT Datasheet HTML 8Page - Texas Instruments bq24130RHLT Datasheet HTML 9Page - Texas Instruments bq24130RHLT Datasheet HTML 10Page - Texas Instruments bq24130RHLT Datasheet HTML 11Page - Texas Instruments bq24130RHLT Datasheet HTML 12Page - Texas Instruments bq24130RHLT Datasheet HTML 13Page - Texas Instruments bq24130RHLT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
t - Time - 4 ms/div
ICHG
2 A/div
PH
10 V/div
ISET1
500 mV/div
STAT
10 V/div
t - Time - 10 ms/div
I(IND)
2 A/div
PH
10 V/div
AVCC
10 V/div
REGN
5 V/div
BAT
5 V/div
STAT
10 V/div
t - Time - 10 ms/div
AVCC
10 V/div
REGN
5 V/div
ICHG
2 A/div
t - Time - 10 ms/div
PH 10 V/div
bq24130
SLUSAN2C – JULY 2011 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3. Power Up (BAT, STAT)
Figure 4. Power Up (PH, ICHG)
Figure 5. Current Soft Start
Figure 6. ISET1 Enable and Disable Charge
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq24130


Similar Part No. - bq24130RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24130 TI-BQ24130_15 Datasheet
1Mb / 29P
[Old version datasheet]   600-kHz Synchronous Switch-Mode Host-ControlledBattery/Supercapacitor Charger With 4-A Integrated MOSFETs
More results

Similar Description - bq24130RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24130 TI-BQ24130_15 Datasheet
1Mb / 29P
[Old version datasheet]   600-kHz Synchronous Switch-Mode Host-ControlledBattery/Supercapacitor Charger With 4-A Integrated MOSFETs
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_15 Datasheet
1Mb / 32P
[Old version datasheet]   Host-Controlled Multi-Cell Battery Charger
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com