Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM72BA32SG66 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM72BA32SG66
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BA32SG66 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM72BA32SG66 Datasheet HTML 4Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 5Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 6Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 7Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 8Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 9Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 10Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 11Page - Motorola, Inc MCM72BA32SG66 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MCM72BA32
•MCM72BA64
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1A Unless Otherwise Noted
. . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3) (Wx refers to any or all byte write enables)
MCM72BA64SG66
MCM72BA64SG60
MCM72BA64SG50
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
16.7
20
ns
Clock Access Time
tKHQV
9
10
12
ns
4
Output Enable to Output Valid
tGLQV
5
5
6
ns
Clock High to Output Active
tKHQX1
6
6
6
ns
Clock High to Output Change
tKHQX2
3
3
3
ns
Output Enable to Output Active
tGLQX
0
0
0
ns
Output Disable to Q High–Z
tGHQZ
2
6
2
6
2
7
ns
5
Clock High to Q High–Z
tKHQZ
6
6
6
ns
Clock High Pulse Width
tKHKL
5
5
6
ns
Clock Low Pulse Width
tKLKH
5
5
6
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tAVKH
tADSVKH
tDVKH
tWVKH
tADVVKH
tEVKH
2.5
2.5
2.5
ns
6
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHADVX
tKHEX
0.5
0.5
0.5
ns
6
NOTES:
1. A read cycle is defined by UW and LW high or ADSP low for the setup and hold times. A write cycle is defined by LW or UW low and ADSP
high for the setup and hold times.
2. All read and write cycle timings are referenced from K or G.
3. G is a don’t care when UW or LW is sampled low.
4. Maximum access times are guaranteed for all possible Pentium external bus cycles.
5. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B. This parameter is sampled rather than 100% tested. At
any given voltage and temperature, tKHQZ max is less than tKHQZ1 min for a given device and from device to device.
6. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of K whenever ADSP or ADSC
is low, and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising edges of K when
the chip is enabled.Chip enable must be valid at each rising edge of clock for the device (when ADSP or ADSC is low) to remain enabled.
AC TEST LOADS
Figure 1A
Figure 1B
5 pF
+ 5 V
OUTPUT
480
255
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V


Similar Part No. - MCM72BA32SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32SG60 MOTOROLA-MCM72BB32SG60 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32SG66 MOTOROLA-MCM72BB32SG66 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB64SG60 MOTOROLA-MCM72BB64SG60 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB64SG66 MOTOROLA-MCM72BB64SG66 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BA32SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com