Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24392 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24392
Description  Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24392 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24392 Datasheet HTML 6Page - Texas Instruments BQ24392 Datasheet HTML 7Page - Texas Instruments BQ24392 Datasheet HTML 8Page - Texas Instruments BQ24392 Datasheet HTML 9Page - Texas Instruments BQ24392 Datasheet HTML 10Page - Texas Instruments BQ24392 Datasheet HTML 11Page - Texas Instruments BQ24392 Datasheet HTML 12Page - Texas Instruments BQ24392 Datasheet HTML 13Page - Texas Instruments BQ24392 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
USB
HO S T
DP_HOST
DM_HOST
CHG _DET
BQ24392
SW_OPEN
CHG_AL_N
GOOD_BAT
SYSTEM
&
CHARGER
3.3V
R1
10 kΩ
R1
10 kΩ
3.3V
3.3V
R 2
100 kΩ
Diode
0.5V
(Battery Status)
VBUS
DM _CON
DP _CON
GND
0.1µF
2.2Ω
1µF~
10µF
2.2Ω
2.2Ω
USB
PORT
1pF
ESD
1pF
ESD
1pF~
10pF
ESD
bq24392
SLIS146A – JUNE 2012 – REVISED JUNE 2012
www.ti.com
REFERENCE SCHEMATIC
Table 1. Critical Components
PIN
NAME
NUMBER
CRITICAL COMPONENT
1µF~10µF
2.2
VBUS
9
ESD Protection Diode
0.1µF
SW_OPEN
1
10k
CHG_AL_N
4
10k
2.2
DM_CON
14
ESD Protection Diode
2.2
DP_CON
15
ESD Protection Diode
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - BQ24392

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392-Q1 TI-BQ24392-Q1_15 Datasheet
959Kb / 22P
[Old version datasheet]   BQ24392-Q1 Dual SPST USB 2.0 High Speed Switch With USB Battery Charging Specification Revision 1.2 Detection
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392QRSERQ1 TI1-BQ24392QRSERQ1 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392RSER TI1-BQ24392RSER Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
More results

Similar Description - BQ24392

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Fairchild Semiconductor
FSA832 FAIRCHILD-FSA832 Datasheet
768Kb / 3P
   USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
BQ25871 TI1-BQ25871 Datasheet
690Kb / 65P
[Old version datasheet]   Battery Switch Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com