Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24192RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192RGET
Description  I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24192RGET Datasheet(HTML) 2 Page - Texas Instruments

  BQ24192RGET Datasheet HTML 1Page - Texas Instruments BQ24192RGET Datasheet HTML 2Page - Texas Instruments BQ24192RGET Datasheet HTML 3Page - Texas Instruments BQ24192RGET Datasheet HTML 4Page - Texas Instruments BQ24192RGET Datasheet HTML 5Page - Texas Instruments BQ24192RGET Datasheet HTML 6Page - Texas Instruments BQ24192RGET Datasheet HTML 7Page - Texas Instruments BQ24192RGET Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VBUS
PMID
D+
D-
STAT
SDA
SCL
INT
OTG
CE
SW
BTST
REGN
PGND
SYS
BAT
ILIM
TS1
TS2
VREF
SYS: 3.5V- 4.3V
Host
REGN
USB
REGN
bq24190
Thermal Pad
4.2V Battery
VBUS
PMID
D+
D-
STAT
SDA
SCL
INT
OTG
SW
BTST
REGN
PGND
SYS
BAT
ILIM
TS1
TS2
VREF
SYS: 3.5V-
Host
REGN
USB
REGN
bq24190
Thermal Pad
4.2V Battery
bq24190
SLUSAW5
– JANUARY 2012
www.ti.com
DESCRIPTION (CONTINUED)
The bq24190 can initiate a new charging cycle without host control. It charges the battery in three phases:
pre-conditioning, constant current, and constant voltage. In the end, the charger automatically terminates when
the charge current is below a preset limit in the constant voltage phase. Later on, when the battery voltage falls
below the recharge threshold, the charger automatically starts another charging cycle.
The bq24190 provides various safety features for battery charging and system operation, including dual pack
negative thermistor monitoring, charging safety timer, and over-voltage/over-voltage protections. The thermal
regulation reduces charge current when the junction temperature exceeds 120
°C (programmable).
The STAT output reports the charging status and any fault conditions. The INT immediately notifies the host
when a fault occurs. The bq24190 is available in a 24-pin, 4x4 mm2 thin QFN package.
bq2419x FAMILY TABLE
bq24190
bq24191
bq24192
bq24192I
I2C address
6BH
6AH
6BH
6BH
USB OTG
Yes
No
Yes
Yes
USB Detection
D+/D-
PSEL
PSEL
PSEL
Default Battery Voltage
4.2V
4.2V
4.2V
4.1V
Default Charge Current
2A
2A
2A
1A
Maximum Pre-Charge Current
2A
2A
2A
640mA
Status Output
STAT
STAT, /PG
STAT, /PG
STAT, /PG
STAT During Fault
Blinking at 1Hz
Blinking at 1Hz
Blinking at 1Hz
10k to ground
APPLICATION DIAGRAM
2
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :bq24190


Similar Part No. - BQ24192RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192RGET TI-BQ24192RGET Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24192RGET TI1-BQ24192RGET Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24192RGET

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
   I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
logo
Texas Instruments
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
   4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
logo
Texas Instruments
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com