Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725A
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725A Datasheet(HTML) 3 Page - Texas Instruments

  BQ24725A Datasheet HTML 1Page - Texas Instruments BQ24725A Datasheet HTML 2Page - Texas Instruments BQ24725A Datasheet HTML 3Page - Texas Instruments BQ24725A Datasheet HTML 4Page - Texas Instruments BQ24725A Datasheet HTML 5Page - Texas Instruments BQ24725A Datasheet HTML 6Page - Texas Instruments BQ24725A Datasheet HTML 7Page - Texas Instruments BQ24725A Datasheet HTML 8Page - Texas Instruments BQ24725A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
VCC
BATDRV
REGN
BTST
HIDRV
PHASE
LODRV
GND
SRP
SRN
Q4
Sis412DN
L1
4.7µH
SYSTEM
C10
10µF
RSR
10m?
R1
430 kW
R2
66.5 kW
C2
0.1µF
U1
bq24725A
C8
10uF
Q3
Sis412DN
Q5 (BATFET)
FDS6680A
C7
0.047µF
Adapter +
RAC 10 mW
Pack +
C6
1µF
HOST
Dig I/O
SMBus
+3.3V
C4
100 pF
R4
R5
R7
549 kW
ACN
ACP
CMSRC
ACDRV
ACDET
ILIM
SDA
SCL
ACOK
IOUT
Ci
2.2µF
Ri
2 ?
R9
10
R3
10 kW
R8
100 kW
R10
4.02 kW
R11
D1
BAT54
C9
10uF
C11
10µF
Pack -
C3
0.1µF
C5
1µF
R6
4.02 kW
C1
0.1µF
Total
Csys
220µF
C15
0.01µF
C16
0.1µF
C17
2200 pF
Adapter -
ADC
Q1 (ACFET)
FDS6680A
D3
PDS1040
PowerPad
C13
0.1µF
C14
0.1µF
R14
10
R15
7.5
*
*
4.02 kW
10 kW
10 kW
*
*
*
bq24725A
www.ti.com
SLUSAL0
– SEPTEMBER 2011
Fs = 750kHz, IADPT = 2.816A, ICHRG = 1.984A, ILIM = 2.54A, VCHRG = 12.592V, 65W adapter and 3S2P battery pack
Use 0
Ω for better current sensing accuracy, use 10Ω/7.5Ω resistor for reversely battery connection protection. See
application information about negative output voltage protection for hard shorts on battery to ground or battery
reversely connection.
The total Csys is the lump sum of system capacitance. It is not required by charger IC. Use Ri and Ci for adapter hot
plug in voltage spike damping. See application information about input filter design.
Figure 2. Typical System Schematic with One NMOS Selector and Schottky Diode
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq24725A


Similar Part No. - BQ24725A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRT TI1-BQ24725ARGRT Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com