Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24278RGER Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # bq24278RGER
Description  2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24278RGER Datasheet(HTML) 4 Page - Texas Instruments

  bq24278RGER Datasheet HTML 1Page - Texas Instruments bq24278RGER Datasheet HTML 2Page - Texas Instruments bq24278RGER Datasheet HTML 3Page - Texas Instruments bq24278RGER Datasheet HTML 4Page - Texas Instruments bq24278RGER Datasheet HTML 5Page - Texas Instruments bq24278RGER Datasheet HTML 6Page - Texas Instruments bq24278RGER Datasheet HTML 7Page - Texas Instruments bq24278RGER Datasheet HTML 8Page - Texas Instruments bq24278RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
K
ILIM
I
INLIM
R
ILIM
=
K
ISET
I
CHARGE
R
ISET
=
bq24278
SLUSB04 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 2, VUVLO < VIN < VOVP AND VIN>VBAT+VSLP, TJ = 0°C–125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY CHARGER
YFF pkg
37
57
Measured from BAT to SYS,
RON(BAT-SYS)
Internal battery charger MOSFET on-resistance
m
Ω
VBAT = 4.2 V
RGE pkg
50
70
TA = 25°C
4.179
4.2
4.221
VWARM < VTS < VCOOL
4.160
4.2
4.24
VBATREG
Battery regulation voltage
V
TA = 25°C
4.04
4.06
4.08
VHOT < VTS < VWARM
4.02
4.06
4.1
ICHARGE
Charge current programmable range
550
2500
mA
TA = 0°C to 125°C, VWARM < VTS < VCOOL
400
490
560
KISET
Programmable fast charge current factor
A
Ω
TA = 0°C to 125°C, VCOLD < VTS < VCOOL
225
245
270
VBATSHRT
Battery short threshold
VBAT Rising
2.9
3.0
3.1
V
VBATSHRThys
Battery short threshold hysteresis
VBAT Falling
100
mV
IBATSHRT
Battery short current
VBAT < VBATSHRT
50.0
mA
tDGL(BATSHRT)
Deglitch time for battery short to fast charge transition
32
ms
ICHARGE ≤ 1A
7
10
11.5
ITERM
Termination charge current
%ICHARGE
ICHARGE >1A
8
10
11
Both rising and falling, 2-mV over-drive,
tDGL(TERM)
Deglitch time for charge termination
32
ms
tRISE, tFALL = 100 ns
VRCH
Recharge threshold voltage
Below VBATREG
120
mV
tDGL(RCH)
Deglitch time
VBAT falling below VRCH, tFALL = 100 ns
32
ms
IDETECT
Battery detection current before charge done (sink current)
2.5
mA
tDETECT
Battery detection time
250
ms
INPUT PROTECTION
Maximum input current limit programmable range for IN
IINLIM
1000
2500
mA
input
KILIM
Maximum input current factor for IN input
238
251
264
A
Ω
VIN_DPM_IN
VIN_DPM threshold programmable range for IN Input
4.2
10
V
VDPM threshold
1.18
1.2
1.22
V
VDRV
Internal bias regulator voltage
5
5.2
5.45
V
IDRV
DRV Output current
10
mA
VDO_DRV
DRV Dropout voltage (VIN – VDRV)
IIN = 1A, VIN = 5 V, IDRV = 10 mA
450
mV
VUVLO
IC active threshold voltage
VIN rising
3.6
3.8
4.0
V
VUVLO_HYS
IC active hysteresis
VIN falling from above VUVLO
150
mV
VSLP
Sleep-mode entry threshold, VIN-VBAT
2.0 V
≤ VBAT ≤ VOREG, VIN falling
0
40
100
mV
VSLP_EXIT
Sleep-mode exit hysteresis
2.0 V
≤ VBAT ≤ VOREG
40
100
160
mV
Deglitch time for supply rising above VSLP+VSLP_EXIT
Rising voltage, 2-mV over drive, tRISE = 100 ns
30
ms
VOVP
Input supply OVP threshold voltage
IN, VIN Rising
10.3
10.5
10.7
V
VOVP(HYS)
VOVP hysteresis
Supply falling from VOVP
100
mV
VBAT threshold over VOREG to turn off charger during
1.025 ×
1.05 ×
1.075 ×
VBOVP
Battery OVP threshold voltage
V
charge
VBATREG
VBATREG
VBATREG
% of
VBOVP hysteresis
Lower limit for VBAT falling from above VBOVP
1
VBATREG
VBATUVLO
Battery UVLO threshold voltage
2.5
V
ILIMIT
Cycle by Cycle current limit
4.1
4.9
5.6
A
TSHUTDWN
Thermal shutdown
10C Hysteresis
165
C
TREG
Thermal regulation threshold
120
C
Safety Timer
324
360
396
min
CE, CD, PG, CHG
VIH
Input high threshold
1.3
V
VIL
Input low threshold
0.4
V
IIH
High-level leakage current
VCHG = VPG = 5 V
1
µA
VOL
Low-level output saturation voltage
IO = 10 mA, sink current
0.4
V
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :bq24278


Similar Part No. - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGER TI-BQ24270RGER Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGET TI-BQ24270RGET Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFR TI-BQ24270YFFR Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFT TI-BQ24270YFFT Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
More results

Similar Description - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com