Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24278RGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # bq24278RGER
Description  2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24278RGER Datasheet(HTML) 1 Page - Texas Instruments

  bq24278RGER Datasheet HTML 1Page - Texas Instruments bq24278RGER Datasheet HTML 2Page - Texas Instruments bq24278RGER Datasheet HTML 3Page - Texas Instruments bq24278RGER Datasheet HTML 4Page - Texas Instruments bq24278RGER Datasheet HTML 5Page - Texas Instruments bq24278RGER Datasheet HTML 6Page - Texas Instruments bq24278RGER Datasheet HTML 7Page - Texas Instruments bq24278RGER Datasheet HTML 8Page - Texas Instruments bq24278RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SW
SYS
BAT
DRV
PGND
BYP
/CE
BOOT
HOST
PMID
IN
System
Load
TEMP
PACK+
PACK–
VBUS
D+
D–
GND
CD
/PG
/CHG
TS
ILIM
ISET
VDPM
+
DRV_S
DRV_S
bq24278
www.ti.com
SLUSB04 – JUNE 2012
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path
Management
Check for Samples: bq24278
1
FEATURES
Thermal Regulation Protection for Output
Current Control
High-Efficiency Switch Mode Charger with
Low Battery Leakage Current, BAT Short-
Separate Power Path Control
Circuit Protection
Instantly Startup System from a Deeply
Soft-Start feature to reduce inrush current
Discharged Battery or No Battery
Thermal Shutdown and Protection
20V input rating, with 10.5V Over-Voltage
Protection (OVP)
Available in small 49-ball WCSP or QFN-24
packages
Integrated FETs for Up to 2.5A Charge Rate
Highly Integrated Battery N-Channel MOSFET
APPLICATIONS
Controller for Power Path Management
Handheld Products
Safe and accurate Battery Management
Functions
Portable Media Players
0.5% Battery Regulation Accuracy
Portable Equipment
10% Charge Current Accuracy
Netbook and Portable Internet Devices
Voltage-based, NTC Monitoring Input (TS)
Standard Temp Range
APPLICATION SCHEMATIC
DESCRIPTION
The bq24278 highly integrated single cell Li-Ion battery charger and system power path management device
targeted for space-limited, portable applications with high capacity batteries. The single cell charger operates
from a dedicated charging source such as an AC adapter or Wireless Power.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGER TI-BQ24270RGER Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGET TI-BQ24270RGET Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFR TI-BQ24270YFFR Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFT TI-BQ24270YFFT Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
More results

Similar Description - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com