Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24735RGRT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24735RGRT
Description  1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24735RGRT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24735RGRT Datasheet HTML 1Page - Texas Instruments BQ24735RGRT Datasheet HTML 2Page - Texas Instruments BQ24735RGRT Datasheet HTML 3Page - Texas Instruments BQ24735RGRT Datasheet HTML 4Page - Texas Instruments BQ24735RGRT Datasheet HTML 5Page - Texas Instruments BQ24735RGRT Datasheet HTML 6Page - Texas Instruments BQ24735RGRT Datasheet HTML 7Page - Texas Instruments BQ24735RGRT Datasheet HTML 8Page - Texas Instruments BQ24735RGRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
2
3
4
5
6
7
8
9
10
15
14
13
12
11
20
19
18
17
16
ACN
ACP
CMSRC
ACDRV
ACOK
BATDRV
SRN
SRP
GND
LODRV
bq24735
bq24735
www.ti.com
SLUSAK9
– SEPTEMBER 2011
1-4 Cell Li+ Battery SMBus Charge Controller for Supporting Turbo Boost Mode with
N-Channel Power MOSFET Selector
Check for Samples: bq24735
1
FEATURES
DESCRIPTION
The
bq24735
is
a
high-efficiency,
synchronous
2
Adapter and Battery Provides Power to
battery charger, offering low component count for
System Together to Support Intel® CPU Turbo
space-constraint, multi-chemistry battery charging
Boost Mode
applications.
SMBus Host-Controlled NMOS-NMOS
The bq24735 supports Turbo Boost by allowing
Synchronous Buck Converter with
battery discharge energy to system when system
Programmable 615kHz, 750kHz, and 885kHz
power demand is temporarily higher than adapter
Switching Frequencies
maximum power level so that adapter will not crash.
Automatic N-channel MOSFET Selection of
The bq24735 utilizes two charge pumps to separately
System Power Source from Adapter or Battery
drive n-channel MOSFETs (ACFET, RBFET and
Driven by Internal Charge Pumps
BATFET)
for
automatic
system
power
source
Enhanced Safety Features for Over Voltage
selection.
Protection, Over Current Protection, Battery,
SMBus controlled input current, charge current, and
Inductor and MOSFET Short Circuit Protection
charge voltage DACs allow for very high regulation
Programmable Input Current, Charge Voltage,
accuracies that can be easily programmed by the
Charge Current Limits
system power management micro-controller.
– ±0.5% Charge Voltage Accuracy up to 19.2V
The bq24735 uses internal input current register or
– ±3% Charge Current Accuracy up to 8.128A
external ILIM pin to throttle down PWM modulation to
reduce the charge current.
– ±3% Input Current Accuracy up to 8.064A
– ±2% 20x Adapter Current or Charge Current
The bq24735 charges one, two, three or four series
Amplifier Output Accuracy
Li+ cells, and is available in a 20-pin, 3.5x3.5 mm2
QFN package.
Programmable Battery Depletion Threshold,
and Battery LEARN Function
PIN CONFIGURATION
Programmable Adapter Detection and
Indicator
Integrated Soft Start
Integrated Loop Compensation
Real Time System Control on ILIM pin to Limit
Charge Current
AC Adapter Operating Range 4.5V-24V
5
µA Off-State Battery Discharge Current
0.65mA (0.8mA max) Adapter Standby
Quiescent Current
20-pin 3.5 x 3.5 mm2 QFN Package
APPLICATIONS
Portable Notebook Computers, UMPC,
Ultra-Thin Notebook, and Netbook
Handheld Terminal
Industrial and Medical Equipment
Portable Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Intel is a registered trademark of Intel.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24735RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24735RGRT TI1-BQ24735RGRT Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
More results

Similar Description - BQ24735RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24800 TI1-BQ24800 Datasheet
857Kb / 11P
[Old version datasheet]   BQ24800 SMBus 1- to 4-Cell Buck Battery Charge Controller With Peak Power, Hybrid Power Boost and Battery Only Boost Modes
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com