Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27500-V130 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500-V130
Description  System-Side Impedance Track Fuel Gauge
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27500-V130 Datasheet(HTML) 1 Page - Texas Instruments

  BQ27500-V130 Datasheet HTML 1Page - Texas Instruments BQ27500-V130 Datasheet HTML 2Page - Texas Instruments BQ27500-V130 Datasheet HTML 3Page - Texas Instruments BQ27500-V130 Datasheet HTML 4Page - Texas Instruments BQ27500-V130 Datasheet HTML 5Page - Texas Instruments BQ27500-V130 Datasheet HTML 6Page - Texas Instruments BQ27500-V130 Datasheet HTML 7Page - Texas Instruments BQ27500-V130 Datasheet HTML 8Page - Texas Instruments BQ27500-V130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
HostSystem
Power
Management
Controller
I C
2
LDO
Battery
Low
Warning
bq27500
Battery
Good
Voltage
Sense
Temp
Sense
Current
Sense
PACK–
PACK+
T
Single-CellLi-Ion
BatteryPack
FETs
CHG
DSG
Protection
IC
bq27500-V130
www.ti.com
SLUS914A – OCTOBER 2009 – REVISED DECEMBER 2009
System-Side Impedance Track Fuel Gauge
Check for Samples: bq27500-V130
1
INTRODUCTION
1.1
FEATURES
1.2
APPLICATIONS
1234
• Battery Fuel Gauge for 1-Series Li-Ion
Smart Phones
Applications
PDAs
• Resides on System Main Board
Digital Still and Video Cameras
– Works With Embedded or Removable
Handheld Terminals
Battery Packs
MP3 or Multimedia Players
• Uses PACK+, PACK–, and T Battery Terminals
• Microcontroller Peripheral Provides:
1.3
DESCRIPTION
– Accurate Battery Fuel Gauging
– Internal Temperature Sensor for System
The Texas Instruments bq27500 system-side Li-Ion
Temperature Reporting
battery fuel gauge is a microcontroller peripheral that
– Battery Low Interrupt Warning
provides fuel gauging for single-cell Li-Ion battery
– Battery Insertion Indicator
packs.
The
device
requires
little
system
– 96 Bytes of Non-Volatile Scratch-Pad FLASH
microcontroller firmware development. The bq27500
• Battery Fuel Gauge Based on Patented
resides on the system main board and manages an
Impedance Track™ Technology
embedded battery (non-removable) or a removable
– Models the Battery Discharge Curve for
battery pack.
Accurate Time-to-Empty Predictions
The bq27500 uses the patented Impedance Track
– Automatically Adjusts for Battery Aging,
algorithm for fuel gauging, and provides information
Battery Self-Discharge, and
such
as
remaining
battery
capacity
(mAh),
Temperature/Rate Inefficiencies
state-of-charge (%), run-time to empty (min.), battery
– Low-Value Sense Resistor (10 m
Ω or Less)
voltage (mV), and temperature (°C).
• I2C™ Interface for Connection to System
Microcontroller Port
Battery fuel gauging with the bq27500 requires only
• 12-Pin 2,5-mm × 4-mm SON Package
PACK+ (P+), PACK– (P–), and Thermistor (T)
connections
to
a
removable
battery
pack
or
embedded battery.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track, bqEASY are trademarks of Texas Instruments.
3
I2C is a trademark of NXP B.V.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ27500-V130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500-V100 TI-BQ27500-V100 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500-V130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com