Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27505-J5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27505-J5
Description  System-Side Impedance Track??Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27505-J5 Datasheet(HTML) 2 Page - Texas Instruments

  BQ27505-J5 Datasheet HTML 1Page - Texas Instruments BQ27505-J5 Datasheet HTML 2Page - Texas Instruments BQ27505-J5 Datasheet HTML 3Page - Texas Instruments BQ27505-J5 Datasheet HTML 4Page - Texas Instruments BQ27505-J5 Datasheet HTML 5Page - Texas Instruments BQ27505-J5 Datasheet HTML 6Page - Texas Instruments BQ27505-J5 Datasheet HTML 7Page - Texas Instruments BQ27505-J5 Datasheet HTML 8Page - Texas Instruments BQ27505-J5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
bq27505-J5
SLVSAL4 – MARCH 2011
www.ti.com
1
INTRODUCTION
......................................... 1
4
GENERAL DESCRIPTION
............................. 9
4.1
DATA COMMANDS
................................ 10
1.1
FEATURES
.......................................... 1
4.2
DATA FLASH INTERFACE
........................ 19
1.2
APPLICATIONS
...................................... 1
4.3
MANUFACTURER INFORMATION BLOCKS
...... 20
1.3
DESCRIPTION
....................................... 1
4.4
ACCESS MODES
.................................. 20
2
DEVICE INFORMATION
................................ 3
4.5
SEALING/UNSEALING DATA FLASH
............. 20
2.1
AVAILABLE OPTIONS
............................... 3
4.6
DATA FLASH SUMMARY
.......................... 21
2.2
THERMAL INFORMATION
.......................... 3
5
FUNCTIONAL DESCRIPTION
........................ 23
2.3
PIN ASSIGNMENT
.................................. 4
5.1
FUEL GAUGING
................................... 23
3
ELECTRICAL SPECIFICATIONS
..................... 5
5.2
IMPEDANCE TRACK™ VARIABLES
.............. 24
3.1
ABSOLUTE MAXIMUM RATINGS
.................. 5
5.3
DETAILED PIN DESCRIPTION
.................... 26
3.2
RECOMMENDED OPERATING CONDITIONS
..... 5
5.4
TEMPERATURE MEASUREMENT
................ 29
3.3
POWER-ON RESET
................................. 5
5.5
OVERTEMPERATURE INDICATION
.............. 30
3.4
INTERNAL TEMPERATURE SENSOR
5.6
CHARGING AND CHARGE-TERMINATION
CHARACTERISTICS
................................ 6
INDICATION
........................................ 30
3.5
HIGH-FREQUENCY OSCILLATOR
................. 6
5.7
POWER MODES
................................... 30
3.6
LOW-FREQUENCY OSCILLATOR
.................. 6
5.8
POWER CONTROL
................................ 32
3.7
INTEGRATING ADC (COULOMB COUNTER)
5.9
AUTOCALIBRATION
............................... 33
CHARACTERISTICS
................................ 6
6
APPLICATION-SPECIFIC INFORMATION
......... 33
3.8
ADC (TEMPERATURE AND CELL
6.1
BATTERY PROFILE STORAGE AND SELECTION
MEASUREMENT) CHARACTERISTICS
............ 6
...................................................... 33
6.2
APPLICATION-SPECIFIC FLOW AND CONTROL
3.9
DATA FLASH MEMORY CHARACTERISTICS
..... 7
...................................................... 34
3.10
400 kHz I2C-COMPATIBLE INTERFACE
COMMUNICATION TIMING CHARACTERISTICS
7
COMMUNICATIONS
................................... 34
........................................................ 8
7.1
I2C INTERFACE
.................................... 34
3.11
100 kHz I2C-COMPATIBLE INTERFACE
7.2
I2C Time Out
........................................ 35
COMMUNICATION TIMING CHARACTERISTICS
8
REFERENCE SCHEMATICS
......................... 36
........................................................ 8
8.1
SCHEMATIC
........................................ 36
2
Contents
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - BQ27505-J5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J3 TI1-BQ27505-J3 Datasheet
870Kb / 44P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J4 TI-BQ27505-J4 Datasheet
520Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27505-J5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com