Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq28550DRZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq28550DRZR
Description  bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq28550DRZR Datasheet(HTML) 3 Page - Texas Instruments

  bq28550DRZR Datasheet HTML 1Page - Texas Instruments bq28550DRZR Datasheet HTML 2Page - Texas Instruments bq28550DRZR Datasheet HTML 3Page - Texas Instruments bq28550DRZR Datasheet HTML 4Page - Texas Instruments bq28550DRZR Datasheet HTML 5Page - Texas Instruments bq28550DRZR Datasheet HTML 6Page - Texas Instruments bq28550DRZR Datasheet HTML 7Page - Texas Instruments bq28550DRZR Datasheet HTML 8Page - Texas Instruments bq28550DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DOUT
COUT
VM
BAT
VREG
VSS
NC
SCL
TS
SRP
SRN
VREG
PACK +
PACK –
CELLN
CELLP
S
S
D
1
2
3
4
5
6
12
11
10
9
8
7
SDA
10 mW
0.1 µF
0.1 µF
0.1 µF
0. 1 µF
510
bq28550
100
100
SDA
SCL
FUSE
DSG
CHG
13
PWPD
100
100
3.3 K
bq28550
www.ti.com
SLUSAJ2
– SEPTEMBER 2011
Table 2. Pin Descriptions (continued)
PIN NUMBER
PIN NAME
I/O (1)
DESCRIPTION
12
NC
I/O
Pull up to VREG with 3.3-K resistor
13
PWPD
I/O
Thermal Pad. Connect to VSS externally on PCB.
FUNCTIONAL BLOCK DIAGRAM
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
All voltages are referenced to the VSS pin. Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
VALUE
UNIT
VBAT
Regulator input voltage, BAT (Pin 4)
–0.3 V to 6
V
VVM
VM terminal voltage (Pin 3)
VBAT – 32 to VBAT + 0.3
V
VCOUT
COUT terminal input voltage (Pin 2)
VBAT – 32 to VBAT + 0.3
V
VDOUT
DOUT terminal input voltage (Pin 1)
VSS – 0.3 to VBAT + 0.3
V
VIOD
All other pins (Pins 5, 7, 8, and 9)
–0.3 to 6
V
VSDATA
SDA (Pin 10)
VSS – 0.3 to VBAT + 0.3
V
VSCLK
SCL (Pin 11)
VSS – 0.3 to VBAT + 0.3
V
ESD
Human body model
±2
kV
ESD
Machine model
±200
V
TA
Operating free-air temperature range
–40°C to 85
°C
Tstg
Storage temperature range
–65°C to 150
°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
TA = 25ºC, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
BAT pin 4 input
2.45
3.6
5.5
V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq28550


Similar Part No. - bq28550DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550DRZR TI1-BQ28550DRZR Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28550DRZR-R1 TI1-BQ28550DRZR-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results

Similar Description - bq28550DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28400PWR TI-BQ28400PWR Datasheet
411Kb / 24P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ28400 TI-BQ28400 Datasheet
404Kb / 23P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com