Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6143IRGC Datasheet(PDF) 1 Page - Texas Instruments

Part # CC430F6143IRGC
Description  MSP430 SoC With RF Core
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F6143IRGC Datasheet(HTML) 1 Page - Texas Instruments

  CC430F6143IRGC Datasheet HTML 1Page - Texas Instruments CC430F6143IRGC Datasheet HTML 2Page - Texas Instruments CC430F6143IRGC Datasheet HTML 3Page - Texas Instruments CC430F6143IRGC Datasheet HTML 4Page - Texas Instruments CC430F6143IRGC Datasheet HTML 5Page - Texas Instruments CC430F6143IRGC Datasheet HTML 6Page - Texas Instruments CC430F6143IRGC Datasheet HTML 7Page - Texas Instruments CC430F6143IRGC Datasheet HTML 8Page - Texas Instruments CC430F6143IRGC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F614x
CC430F514x
CC430F512x
www.ti.com
SLAS555 – JUNE 2012
MSP430 SoC With RF Core
1
FEATURES
23
True System-on-Chip (SoC) for Low-Power
Embedded Emulation Module (EEM)
Wireless Communication Applications
High-Performance Sub-1-GHz RF Transceiver
Wide Supply Voltage Range: 1.8 V to 3.6 V
Core
Ultralow Power Consumption:
Same as in CC1101
CPU Active Mode (AM): 160 µA/MHz
Wide Supply Voltage Range: 2.0 V to 3.6 V
Standby Mode (LPM3 RTC Mode): 2.0 µA
Frequency Bands: 300 MHz to 348 MHz,
389 MHz to 464 MHz, and 779 MHz to
Off Mode (LPM4 RAM Retention): 1.0 µA
928 MHz
RTC Only Mode (LPM3.5): 1.0 µA
Programmable Data Rate From 0.6 kBaud
Shutdown Mode (LPM4.5): 0.3 µA
to 500 kBaud
Radio in RX: 15 mA, 250 kbps, 915 MHz
High Sensitivity (-117 dBm at 0.6 kBaud,
MSP430™ System and Peripherals
‑‑111 dBm at 1.2 kBaud, 315 MHz, 1% Packet
16-Bit RISC Architecture, Extended
Error Rate)
Memory, up to 20-MHz System Clock
Excellent Receiver Selectivity and Blocking
Wake-Up From Standby Mode in Less
Performance
Than 6 µs
Programmable Output Power Up to
Flexible Power Management System With
+12 dBm for All Supported Frequencies
SVS and Brownout
2-FSK, 2-GFSK, and MSK Supported as well
Unified Clock System With FLL
as OOK and Flexible ASK Shaping
16-Bit Timer TA0, Timer_A With Five
Flexible Support for Packet-Oriented
Capture/Compare Registers
Systems: On-Chip Support for Sync Word
16-Bit Timer TA1, Timer_A With Three
Detection, Address Check, Flexible Packet
Capture/Compare Registers
Length, and Automatic CRC Handling
Hardware Real-Time Clock
Support for Automatic Clear Channel
Assessment (CCA) Before Transmitting (for
Two Universal Serial Communication
Listen-Before-Talk Systems)
Interfaces
Digital RSSI Output
USCI_A0 Supports UART, IrDA, SPI
Suited for Systems Targeting Compliance
USCI_B0 Supports I2C™, SPI
With EN 300 220 (Europe) and
10-Bit A/D Converter With Internal
FCC CFR Part 15 (US)
Reference, Sample-and-Hold, and Autoscan
Suited for Systems Targeting Compliance
Features (Only CC430F614x and
With Wireless M-Bus Standard
CC430F514x)
EN 13757
‑‑4:2005
Comparator
Support for Asynchronous and
Integrated LCD Driver With Contrast
Synchronous Serial Receive/Transmit Mode
Control for up to 96 Segments (Only
for Backward Compatibility With Existing
CC430F614x)
Radio Communication Protocols
128-Bit AES Security Encryption and
Family Members Summarized in Table 1
Decryption Coprocessor
For Complete Module Descriptions, See the
32-Bit Hardware Multiplier
CC430 Family User's Guide (SLAU259)
Three-Channel Internal DMA
Serial Onboard Programming, No External
Programming Voltage Needed
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC430F6143IRGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6143IRGCR TI-CC430F6143IRGCR Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
More results

Similar Description - CC430F6143IRGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com