Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1110F8RSPR Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1110F8RSPR
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1110F8RSPR Datasheet(HTML) 5 Page - Texas Instruments

  CC1110F8RSPR Datasheet HTML 1Page - Texas Instruments CC1110F8RSPR Datasheet HTML 2Page - Texas Instruments CC1110F8RSPR Datasheet HTML 3Page - Texas Instruments CC1110F8RSPR Datasheet HTML 4Page - Texas Instruments CC1110F8RSPR Datasheet HTML 5Page - Texas Instruments CC1110F8RSPR Datasheet HTML 6Page - Texas Instruments CC1110F8RSPR Datasheet HTML 7Page - Texas Instruments CC1110F8RSPR Datasheet HTML 8Page - Texas Instruments CC1110F8RSPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 5 of 244
1
Register Conventions
Each SFR is described in a separate table. The table heading is given in the following format:
REGISTER NAME (SFR Address) - Register Description.
Each RF register is described in a separate table. The table heading is given in the following format:
XDATA Address: REGISTER NAME - Register Description
All register descriptions include a symbol denoted R/W describing the accessibility of each bit in the
register. The register values are always given in binary notation unless prefixed by ‘0x’, which
indicates hexadecimal notation.
Symbol
Access Mode
R/W
Read/write
R
Read only
R0
Read as 0
R1
Read as 1
W
Write only
W0
Write as 0
W1
Write as 1
H0
Hardware clear
H1
Hardware set
Table 1: Register Bit Conventions
2
Key Features (in more details)
2.1
High-Performance
and
Low-Power
8051-Compatible Microcontroller
 Optimized 8051 core which typically
gives 8x the performance of a standard
8051
 Two data pointers
 In-circuit
interactive
debugging
is
supported
by
the
IAR
Embedded
Workbench through a simple two-wire
serial interface
 SW compatible with CC2510Fx/CC2511Fx
2.2
8/16/32
KB
Non-volatile
Program
Memory and 1/2/4 kB Data Memory
 8, 16, or 32 KB of non-volatile flash
memory,
in-system
programmable
through a simple two-wire interface or
by the 8051 core
 Minimum flash memory endurance:
1000 write/erase cycles
 Programmable read and write lock of
portions of flash memory for software
security
 1, 2, or 4 kB of internal SRAM
2.3
Full-Speed USB Controller (
CC1111Fx )
 5 bi-directional endpoints in addition to
control endpoint 0
 Full-Speed, 12 Mbps transfer rate
 Support
for
Bulk,
Interrupt,
and
Isochronous endpoints
 1024 bytes of dedicated endpoint FIFO
memory
 8 - 512 byte data packet size supported
 Configurable FIFO size for IN and OUT
direction of endpoint
2.4
I
2S Interface
 Industry standard I2S interface for
transfer of digital audio data
 Full duplex
 Mono and stereo support
 Configurable sample rate and sample
size
 Support for -law compression and
expansion


Similar Part No. - CC1110F8RSPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110F8RSPR TI-CC1110F8RSPR Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RSPR TI-CC1110F8RSPR Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110F8RSPR TAOS-CC1110F8RSPR Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110F8RSPR TI-CC1110F8RSPR Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RSPR TI-CC1110F8RSPR Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110F8RSPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com