Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1121RHMR Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1121RHMR
Description  High Performance Low Power RF Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1121RHMR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1121RHMR Datasheet HTML 4Page - Texas Instruments CC1121RHMR Datasheet HTML 5Page - Texas Instruments CC1121RHMR Datasheet HTML 6Page - Texas Instruments CC1121RHMR Datasheet HTML 7Page - Texas Instruments CC1121RHMR Datasheet HTML 8Page - Texas Instruments CC1121RHMR Datasheet HTML 9Page - Texas Instruments CC1121RHMR Datasheet HTML 10Page - Texas Instruments CC1121RHMR Datasheet HTML 11Page - Texas Instruments CC1121RHMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CC1121
SWRS111B – REVISED APRIL 2012
Page 8 of 22
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
RX performance in 868/915 MHz bands (High Performance Mode)
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
-120
dBm
1.2 kbps, DEV=10 kHz CHF=41.7
kHz, using increased RX filtering
-117
dBm
1.2 kbps, DEV=20 kHz CHF=50 kHz
-114
dBm
4.8 kbps OOK
-110
dBm
38.4 kbps, DEV=50 kHz CHF=100
kHz
-110
dBm
50 kbps 2GFSK, DEV=25 kHz,
CHF=100 kHz
Sensitivity
-103
dBm
200 kbps, DEV=83 kHz (outer
symbols), CHF=200 kHz, 4GFSK
48
dB
± 50 kHz (adjacent channel)
48
dB
+ 100 kHz (alternate channel)
69
dB
± 1 MHz
74
dB
± 2 MHz
Blocking and Selectivity
1.2 kbps 2FSK, 50 kHz channel
separation, 20 kHz deviation, 50 kHz
channel filter
81
dB
± 10 MHz
42
dB
+ 100 kHz (adjacent channel)
43
dB
± 200 kHz (alternate channel)
62
dB
± 1 MHz
66
dB
± 2 MHz
Blocking and Selectivity
38.4 kbps 2GFSK, 100 kHz channel
separation, 20 kHz deviation, 100 kHz
channel filter
74
dB
± 10 MHz
43
dB
± 200 kHz (adjacent channel)
50
dB
± 400 kHz (alternate channel)
61
dB
± 1 MHz
65
dB
± 2 MHz
Blocking and Selectivity
50 kbps 2GFSK, 200 kHz channel
separation, 25 kHz deviation, 100 kHz
channel filter
(Same modulation format as 802.15.4g
Mandatory Mode)
74
dB
± 10 MHz
36
dB
± 200 kHz (adjacent channel)
44
dB
± 400 kHz (alternate channel)
55
dB
± 1 MHz
59
dB
± 2 MHz
Blocking and Selectivity
200 kbps 4GFSK, 83 kHz deviation (outer
symbols), 200 kHz channel filter, zero IF
67
dB
± 10 MHz


Similar Part No. - CC1121RHMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121RHMR TI1-CC1121RHMR Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
More results

Similar Description - CC1121RHMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1121 TI-CC1121_15 Datasheet
1Mb / 36P
[Old version datasheet]   CC1121 High-Performance Low-Power RF Transceiver
CC1200 TI-CC1200_15 Datasheet
1Mb / 35P
[Old version datasheet]   CC1200 Low-Power, High-Performance RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC400 TI-CC400_V03 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC1125 TI1-CC1125_16 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-High Performance RF Narrowband Transceiver
CC400 TI-CC400_V02 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com