Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2480A1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2480A1
Description  Z-Accel 2.4 GHz ZigBee짰 Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2480A1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2480A1 Datasheet HTML 3Page - Texas Instruments CC2480A1 Datasheet HTML 4Page - Texas Instruments CC2480A1 Datasheet HTML 5Page - Texas Instruments CC2480A1 Datasheet HTML 6Page - Texas Instruments CC2480A1 Datasheet HTML 7Page - Texas Instruments CC2480A1 Datasheet HTML 8Page - Texas Instruments CC2480A1 Datasheet HTML 9Page - Texas Instruments CC2480A1 Datasheet HTML 10Page - Texas Instruments CC2480A1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
CC2480
5
Electrical Specifications
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 3: Electrical Specifications
Parameter
Min
Typ
Max
Unit
Condition
Current Consumption
CPU Active Mode, 16 MHz,
low CPU activity
4.3
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
Low CPU activity: no flash access (i.e. only cache hit), no
RAM access.
CPU Active Mode, 16 MHz,
medium CPU activity
5.1
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
Medium CPU activity: normal flash access
1, minor RAM
access.
CPU Active Mode, 16 MHz,
high CPU activity
5.7
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
High CPU activity: normal flash access, extensive RAM
access and heavy CPU load.
CPU Active Mode, 32 MHz,
low CPU activity
9.5
mA
32 MHz XOSC running. No radio or peripherals active.
Low CPU activity : no flash access (i.e. only cache hit),
no RAM access
CPU Active Mode, 32 MHz,
medium CPU activity
10.5
mA
32 MHz XOSC running. No radio or peripherals active.
Medium CPU activity: normal flash access
1, minor RAM
access.
CPU Active Mode, 32 MHz,
high CPU activity
12.3
mA
32 MHz XOSC running. No radio or peripherals active.
High CPU activity: normal flash access
1, extensive RAM
access and heavy CPU load.
CPU Active and RX Mode
26.7
mA
CPU running at full speed (32MHz), 32MHz XOSC
running, radio in RX mode, -50 dBm input power. No
peripherals active. Low CPU activity.
CPU Active and TX Mode, 0dBm
26.9
mA
CPU running at full speed (32MHz), 32MHz XOSC
running, radio in TX mode, 0dBm output power. No
peripherals active. Low CPU activity.
Power mode 1
190
µA
Digital regulator on, 16 MHz RCOSC and 32 MHz crystal
oscillator off. 32.768 kHz XOSC, POR and ST active.
RAM retention.
Power mode 2
0.5
µA
Digital regulator off, 16 MHz RCOSC and 32 MHz crystal
oscillator off. 32.768 kHz XOSC, POR and ST active.
RAM retention.
Power mode 3
0.3
µA
No clocks. RAM retention. POR active.
Peripheral Current
Consumption
Adds to the figures above if the peripheral unit is
activated
Sleep Timer
0.2
µA
Including 32.753 kHz RCOSC.
ADC
1.2
mA
When converting.
Flash write
3
mA
Estimated value
Flash erase
3
mA
Estimated value
1 Normal Flash access means that the code used exceeds the cache storage so cache misses will
happen frequently.
CC2480 Data Sheet SWRS074A
Page 7 of 43


Similar Part No. - CC2480A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480A1RTC TI-CC2480A1RTC Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTC TI-CC2480A1RTC Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
CC2480A1RTCR TI-CC2480A1RTCR Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTCR TI-CC2480A1RTCR Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
More results

Similar Description - CC2480A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480 TI-CC2480 Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480 TI-CC2480_11 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
   SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
logo
STMicroelectronics
SN260 STMICROELECTRONICS-SN260 Datasheet
1Mb / 88P
   ZigBee짰 802.15.4 network processor
logo
Axiomtek Co., Ltd.
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
logo
STMicroelectronics
SPZB250 STMICROELECTRONICS-SPZB250 Datasheet
412Kb / 18P
   ZigBee짰 module
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
   ZigBee짰 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com