Electronic Components Datasheet Search |
|
CC1131TRHBRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments |
|
CC1131TRHBRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 94 page CC11x1-Q1 www.ti.com SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010 Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive 1 Introduction 1.1 Features 12 – Support for Automatic Clear Channel • Qualification in Accordance With AEC-Q100 Assessment (CCA) Before Transmitting (for Grade 1 Listen-Before-Talk Systems) • Extended Temperature Range Up To 125°C – Support for Per-Package Link Quality • Radio-Frequency (RF) Performance Indication (LQI) – High Sensitivity (–114 dBm at 1.2 kBaud, – Optional Automatic Whitening and 315 MHz, 1% Packet Error Rate) Dewhitening of Data – Low Current Consumption (15.5 mA in • Low-Power Features Receive, 1.2 kBaud, 315 MHz) – Fast Startup Time: 240 µs From Sleep to • Programmable Output Power up to +10 dBm for Receive (RX) or Transmit (TX) Mode All Supported Frequencies – Wake-On-Radio Functionality for Automatic • Excellent Receiver Selectivity and Blocking Low-Power RX Polling Performance – Separate 64-Byte RX and TX Data FIFOs • Programmable Data Rate From 1.2 kBaud to (Enables Burst Mode Data Transmission) 250 kBaud • General • Frequency Bands: 310 MHz to 348 MHz, – Few External Components: Completely 420 MHz to 450 MHz, and 779 MHz to 928 MHz On-Chip Frequency Synthesizer, No External • Analog Features Filters or RF Switch Needed – 2-FSK, GFSK, and MSK Supported, as Well – Green Package: RoHS Compliant and No as OOK and Flexible ASK Shaping Antimony or Bromine – Suitable for Frequency-Hopping Systems – Small Size QFN 5-mm×5-mm 32-Pin Package Due to a Fast Settling Frequency – Suited for Systems Compliant With Synthesizer: 90-µs Settling Time EN 300 220 (Europe) and FCC CFR Part 15 – Automatic Frequency Compensation (AFC) (US) Can Align Frequency Synthesizer to – Support for Asynchronous and Synchronous Received Center Frequency Serial Receive/Transmit Mode for Backward – Integrated Analog Temperature Sensor Compatibility With Existing Radio • Digital Features Communication Protocols – Flexible Support for Packet-Oriented – Designed for Automotive Applications Systems: On-Chip Support for Sync Word Detection, Address Check, Flexible Packet 1.2 Applications Length, and Automatic CRC Handling – Efficient SPI Interface: All Registers Can Be • Ultra-Low-Power Wireless Applications in the Programmed With One Burst Transfer 315/433/868/915-MHz ISM/SRD Bands – Digital RSSI Output • Remote Keyless Entry Systems – Programmable Channel Filter Bandwidth • Passive Entry/Passive Start Systems – Programmable Carrier Sense (CS) Indicator • Vehicle Service Links – Programmable Preamble Quality Indicator • Garage Door Opener (PQI) for Improved Protection Against False Sync Word Detection in Random Noise • TPMS Systems 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 SmartRF is a registered trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2009–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - CC1131TRHBRG4Q1 |
|
Similar Description - CC1131TRHBRG4Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |