Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC40103QM96EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40103QM96EP
Description  HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC40103QM96EP Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC40103QM96EP Datasheet HTML 1Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 2Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 3Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 4Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 5Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 6Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 7Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 8Page - Texas Instruments CD74HC40103QM96EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD74HC40103EP
HIGHSPEED CMOS LOGIC
8STAGE SYNCHRONOUS DOWN COUNTER
SCLS548 − DECEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D Synchronous or Asynchronous Preset
D Cascadable in Synchronous or Ripple
Mode
D Fanout (Over Temperature Range)
− Standard Outputs ... 10 LSTTL Loads
− Bus Driver Outputs ... 15 LSTTL Loads
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Balanced Propagation Delay and Transition
Times
D Significant Power Reduction Compared to
LSTTL Logic ICs
D VCC Voltage = 2 V to 6 V
D High Noise Immunity NIL or NIH = 30% of
VCC, VCC = 5 V
description/ordering information
The CD74HC40103 is manufactured with high-speed silicon-gate technology and consists of an 8-stage
synchronous down counter with a single output, which is active when the internal count is zero. The device
contains a single 8-bit binary counter. Each device has control inputs for enabling or disabling the clock, for
clearing the counter to its maximum count, and for presetting the counter either synchronously or
asynchronously. All control inputs and the terminal count (TC) output are active-low logic.
In normal operation, the counter is decremented by one count on each positive transition of the clock (CP)
output. Counting is inhibited when the terminal enable (TE) input is high. TC goes low when the count reaches
zero, if TE is low, and remains low for one full clock period.
When the synchronous preset enable (PE) input is low, data at the P0−P7 inputs are clocked into the counter on
the next positive clock transition, regardless of the state of TE. When the asynchronous preset enable (PL) input
is low, data at the P0−P7 inputs asynchronously are forced into the counter, regardless of the state of the PE, TE,
or CP inputs. Inputs P0−P7 represent a single 8-bit binary word for the CD74HC40103. When the master reset
(MR) input is low, the counter asynchronously is cleared to its maximum count of 25510, regardless of the state of
any other input. The precedence relationship between control inputs is indicated in the truth table.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − M
Tape and reel
CD74HC40103QM96EP
HC40103QEP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CP
MR
TE
P0
P1
P2
P3
GND
VCC
PE (SYNC)
TC
P7
P6
P5
P4
PL (ASYNC)


Similar Part No. - CD74HC40103QM96EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40103QM96Q1 TI-CD74HC40103QM96Q1 Datasheet
330Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYCROOS,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com