Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33814 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33814
Description  Two Cylinder Small Engine Control IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33814 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33814 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33814 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
8
33814
4
General Product Characteristics
4.1
Maximum Ratings
Table 3. MAXIMUM RATINGS
All voltages are with respect to ground, unless mentioned otherwise. Exceeding these ratings may cause malfunction or
permanent device damage.
Parameter
Symbol
Min.
Max.
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage
VPWR
-0.3
45
VDC
VPP Supply Voltage (If supplied externally and not using internal VPP regulator)
VPP_Ext
-0.3
10.0
VDC
VPROT Regulator
VPROT
-0.3
VPWR
VDC
SPI Interface and Logic Input Voltage (VSI, VSCLK, VCSB, VRIN1, VRIN2, VINJIN1,
VINJIN2, VIGNIN1, VIGNIN2, VO2HIN, VMTX)
VIL, VIH
-0.3
VCC
VDC
SPI Interface and Logic Output Voltage (VSO, VBATSW, VMRX,VVRSOUT)
VIL, VIH
-0.3
VCC
VDC
All Low Side Drivers Drain Voltage (VINJOUT1, VINJOUT2, VROUT1, VROUT2, VLAMPOUT,
VTACHOUT)
VOUTX
-0.3
VCLAMP
VDC
All Pre-drivers Output Voltage (VIGNOUT1, VIGNOUT2, VO2HOUT)
VGDX
-0.3
10
VDC
All Pre-driver Feedback Inputs Voltage (VIGNFB1, VIGNFB2, VO2HFB)
VGDFB
-1.5
60
VDC
All Pre-driver Current Sense Inputs Voltage
(VIGNSENSN, VIGNSENSP, VO2HSENSN,VO2HSENSP)
VISENS
-0.3
1.0
VDC
KEYSW Input Voltage (VKEYSW)
VKEYSW
-18
VPWR
VDC
RESETB Output Voltage (VRESETB)
VRESETB
-0.3
VCC
VDC
ISO9141 Input/Output Voltage (VISO9141)
VISO9141
-18
VPWR
VDC
Output Continuous Current (INJOUT1, INJOUT2)
•TJUNCTION = 150 °C
IOC_INJX
1.3
A
Output Continuous Current (ROUT1)
•TJUNCTION = 150 °C
IOC_R1
2.0
A
Output Continuous Current (ROUT2)
•TJUNCTION = 150 °C
IOC_R2
1.0
A
Output Continuous Current (LAMPOUT)
•TJUNCTION = 150 °C
IOC_LAMP
1.0
A
Output Continuous Current (TACHOUT)
•TJUNCTION = 150 °C
IOC_TACH
50
mA
Maximum Voltage for VRSN and VRSP inputs to ground
VVRS_IN
-0.5
6.0
VDC
Maximum Current for VRSN and VRSP inputs (internal diodes limit voltage)
IVRSX_IN
15
mA
Output Clamp Energy (INJOUT1, INJOUT2, ROUT1)(Single Pulse)
•TJUNCTION = 150 °C, IOUT = 1.0 A
ECLAMP
TBD
100
mJ
Output Clamp Energy (INJOUT1, INJOUT2)(Continuous Pulse)
•TJUNCTION = 125 °C, IOUT = 1.0 A, TBD kHz (Max Injector frequency is 70 Hz)
ECLAMP
TBD
TBD
mJ


Similar Part No. - 33814

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3381 BITECH-3381 Datasheet
167Kb / 3P
   Precision Potentiometer / Position Sensor
logo
TT Electronics.
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
logo
List of Unclassifed Man...
3381 ETC-3381 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3381 HEYCO-3381 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
Freescale Semiconductor...
33810 FREESCALE-33810 Datasheet
1Mb / 35P
   Automotive Engine Control IC
More results

Similar Description - 33814

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33814 NXP-MC33814 Datasheet
3Mb / 71P
   Two cylinder small engine control IC
Rev. 13.0, 12/2019
logo
Freescale Semiconductor...
33813 FREESCALE-33813 Datasheet
2Mb / 54P
   One Cylinder Small Engine Control IC
33812 FREESCALE-33812 Datasheet
480Kb / 25P
   SMALL ENGINE CONTROL IC
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
   Automotive Engine Control IC
logo
Infineon Technologies A...
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
   Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com