Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4538QPWRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4538QPWRG4Q1
Description  HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4538QPWRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4538QPWRG4Q1 Datasheet HTML 1Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 2Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 3Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments CD74HC4538QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CD74HC4538-Q1
HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE
PRECISION MONOSTABLE MULTIVIBRATOR
SCLS595A − NOVEMBER 2004 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
IO
(mA)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
TEST CONDITIONS
(mA)
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.9
1.9
CMOS loads
−0.02
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
CMOS loads
0.02
6 V
5.9
5.9
5.9
V
VOH
VI
VIH or VIL
TTL loads
−4
4.5 V
3.98
3.84
3.7
V
TTL loads
−5.2
6 V
5.48
5.34
5.2
2 V
0.1
0.1
0.1
CMOS loads
0.02
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
CMOS loads
0.02
6 V
0.1
0.1
0.1
V
VOL
VI
VIH or VIL
TTL loads
4
4.5 V
0.26
0.33
0.4
V
TTL loads
5.2
6 V
0.26
0.33
0.4
I
V
V
or GND
A, B, R
6 V
±0.1
±1
±1
A
II
VI = VCC or GND
RXCX (see Note 5)
6 V
±0.05
±0.5
±0.5
µA
Quiescent
0
6 V
8
80
160
µA
ICC
VI = VCC or GND
Active, Q = high,
Pins 2 and 14 at VCC/4
0
6 V
0.6
0.8
1
mA
CIN
CL = 50 pF
10
10
10
pF
NOTE 5: When testing IIL, the Q output must be high. If Q is low (device not triggered), the pullup P device is ON and the low-resistance path
from VDD to the test pin causes a current far exceeding the specification.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
PARAMETER
VCC
TA = 25°C
TA = −40°C
TO 85
°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
80
100
120
tw
Input pulse width
4.5 V
16
20
24
ns
tw
Input pulse width
6 V
14
17
20
ns
2 V
5
5
5
tsu
Reset setup time
4.5 V
5
5
5
ns
tsu
Reset setup time
6 V
5
5
5
ns
trr
Retrigger time (see Figure 4)
5 V
175
ns
Output pulse-width match, same package
±1
%


Similar Part No. - CD74HC4538QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4538 TI-CD74HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538 TI-CD74HC4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538 TI-CD74HC4538 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538E TI-CD74HC4538E Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538E TI-CD74HC4538E Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
More results

Similar Description - CD74HC4538QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com