Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCT4066QPWRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HCT4066QPWRG4Q1
Description  HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HCT4066QPWRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  HCT4066QPWRG4Q1 Datasheet HTML 1Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 2Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 3Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments HCT4066QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CD74HCT4066-Q1
HIGH-SPEED CMOS LOGIC
QUAD BILATERAL SWITCH
SCLS581B − APRIL 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Low ON Resistance
− 25
W Typical (VCC = 4.5 V)
D Fast Switching and Propagation Speeds
D Low OFF Leakage Current
D Wide Operating Temperature Range: −405C
to 125
5C
D Direct LSTTL Input Logic Compatibility:
VIL = 0.8 V Max, VIH = 2 V Min
D CMOS Input Compatibility: I
I v 1 mA at VOL,
VOH
description/ordering information
The CD74HCT4066 contains four independent
digitally
controlled
analog
switches
that
use
silicon-gate CMOS technology to achieve operation
speeds similar to LSTTL, with the low power
consumption of standard CMOS integrated circuits.
These switches feature the characteristic linear ON
resistance of the metal-gate CD4066B. Each switch
is turned on by a high-level voltage on its control
input.
ORDERING INFORMATION{
TA
PACKAGE
ORDERABLE
PART NUMBER§
TOP-SIDE
MARKING
40
°C to 125°C
SOIC − M
Reel of 2500
CD74HCT4066QM96Q1
HCT4066Q
−40
°C to 125°C
TSSOP − PW
Reel of 2000
CD74HCT4066QPWRQ1
HK4066Q
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ The suffix 96 denotes tape and reel.
FUNCTION TABLE
INPUT
SWITCH
INPUT
nE
SWITCH
L
Off
H
On
H = High level
L = Low level
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1Y
1Z
2Z
2Y
2E
3E
GND
VCC
1E
4E
4Y
4Z
3Z
3Y


Similar Part No. - HCT4066QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HCT4067 PHILIPS-HCT4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
More results

Similar Description - HCT4066QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com