Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBCP-14HY2R2B Datasheet(PDF) 7 Page - NEC

Part # SBCP-14HY2R2B
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBCP-14HY2R2B Datasheet(HTML) 7 Page - NEC

Back Button SBCP-14HY2R2B Datasheet HTML 3Page - NEC SBCP-14HY2R2B Datasheet HTML 4Page - NEC SBCP-14HY2R2B Datasheet HTML 5Page - NEC SBCP-14HY2R2B Datasheet HTML 6Page - NEC SBCP-14HY2R2B Datasheet HTML 7Page - NEC SBCP-14HY2R2B Datasheet HTML 8Page - NEC SBCP-14HY2R2B Datasheet HTML 9Page - NEC SBCP-14HY2R2B Datasheet HTML 10Page - NEC SBCP-14HY2R2B Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
Power Inductors VOL.10
7
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
Plastic box
Inlet Type
MR Series
P40
MA Series
P42
GL Series
C Type
P43
GL Series
F,FV,FVP Type
P45
GL Series
H Type
P47
GL Series
M Type
P49
HFP Series
P26
GT Series
Screw Terminal
P28
GT Series
Faston® Terminal
P30
GT Series
For VCCI
P32
GF Series
P33
Metal cylinder
VU Series
P34
VC Series
P36
VG-FPZ Series for inverter installed
home appliances' surge control
P37
RG Series
P38


Similar Part No. - SBCP-14HY2R2B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBCP-14HY2R2B KEMET-SBCP-14HY2R2B Datasheet
67Kb / 1P
   KEMET, SBCP-14HY, Power, 2200 nH, 30%, 5mm
More results

Similar Description - SBCP-14HY2R2B

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com