Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4010BQDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD4010BQDRQ1
Description  CMOS 8-STAGE STATIC SHIFT REGISTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4010BQDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  CD4010BQDRQ1 Datasheet HTML 1Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 2Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 3Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 4Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 5Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 6Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 7Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 8Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CD4021B-Q1
www.ti.com
SCHS378 – MARCH 2010
STATIC ELECTRICAL CHARACTERISTICS
TEST CONDITIONS
LIMITS AT INDICATED TEMPERATURES (°C)
PARAMETER
+25
UNIT
VD
VIN
VDD
–40
+85
+125
(V)
(V)
(V)
5
150
150
0.5
5
10
300
300
0.04
5
0.10
10
20
600
600
0.04
10
IDD Max
Quiescent device current
µA
0.15
15
100
3000
3000
0.04
20
0.20
20
0.61
0.42
0.36
0.08
100
0.4
0.5
5
1.5
1.1
0.9
0.51
1
IOL Min
Output low (sink) current
0.5
0.10
10
4
2.8
2.4
1.3
2.6
1.5
0.15
15
–0.61
–0.42
–0.36
3.4
6.8
4.6
0.5
5
–1.8
–1.3
–1.15
–0.51
–1
mA
2.5
0.5
5
–1.5
–1.1
–0.9
–1.6
–3.2
IOH Min
Output high (source) current
9.5
0.10
10
–4
–2.8
–2.4
–1.3
–2.6
13.5
0.15
15
–4.2
–3.4
–6.8
0.5
5
0.05
0
0.05
VOL Max
Output voltage: low level
0.10
10
0.05
0
0.05
0.15
15
0.05
0
0.05
V
0.5
5
4.95
4.95
5
VOH Min
Output voltage: high level
0.10
10
9.95
9.95
10
0.15
15
14.95
14.95
15
0.5, 4.5
5
1.5
1.5
1, 9
10
3
3
VIL Max
Input low voltage
1.5,
4
15
4
13.5
V
0.5, 4.5
5
3.5
3.5
1, 9
10
7
7
VIH Min
Input high voltage
1.5,
11
15
11
13.5
IIN Max
Input current
0, 18
18
±0.1
±1
±1
±10–5
±0.1
µA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CD4021B-Q1


Similar Part No. - CD4010BQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010BQDRQ1 TI1-CD4010BQDRQ1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
More results

Similar Description - CD4010BQDRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
CD4014BC FAIRCHILD-CD4014BC Datasheet
67Kb / 7P
   8-Stage Static Shift Register
CD4021BC FAIRCHILD-CD4021BC Datasheet
70Kb / 7P
   8-Stage Static Shift Register
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com