Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC209DWR Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC209DWR
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC209DWR Datasheet(HTML) 4 Page - Texas Instruments

  CDC209DWR Datasheet HTML 1Page - Texas Instruments CDC209DWR Datasheet HTML 2Page - Texas Instruments CDC209DWR Datasheet HTML 3Page - Texas Instruments CDC209DWR Datasheet HTML 4Page - Texas Instruments CDC209DWR Datasheet HTML 5Page - Texas Instruments CDC209DWR Datasheet HTML 6Page - Texas Instruments CDC209DWR Datasheet HTML 7Page - Texas Instruments CDC209DWR Datasheet HTML 8Page - Texas Instruments CDC209DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CDC209, CDC209–7
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS
WITH 3-STATE OUTPUTS
SCAS108D – MARCH 1990 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC =3V
25
°C
2.9
VCC = 3 V
Full range
2.9
IOH =50 µA
VCC =4 5V
25
°C
4.4
IOH = – 50 µA
VCC = 4.5 V
Full range
4.4
VCC =5 5V
25
°C
5.4
VCC = 5.5 V
Full range
5.4
VOH
High-level output voltage
IOH =4 mA
VCC =3V
25
°C
2.58
V
IOH = – 4 mA
VCC = 3 V
Full range
2.48
VCC =4 5V
25
°C
3.94
IOH =24 mA
VCC = 4.5 V
Full range
3.8
IOH = – 24 mA
VCC =5 5V
25
°C
4.94
VCC = 5.5 V
Full range
4.8
IOH = – 75 mA‡,
VCC = 5.5 V
Full range
3.85
VCC =3V
25
°C
0.1
VCC = 3 V
Full range
0.1
IOL =50 µA
VCC =4 5V
25
°C
0.1
IOL = 50 µA
VCC = 4.5 V
Full range
0.1
VCC =5 5V
25
°C
0.1
VCC = 5.5 V
Full range
0.1
VOL
Low-level output voltage
IOL =12mA
VCC =3V
25
°C
0.36
V
IOL = 12 mA
VCC = 3 V
Full range
0.44
VCC =4 5V
25
°C
0.36
IOL =24mA
VCC = 4.5 V
Full range
0.44
IOL = 24 mA
VCC =5 5V
25
°C
0.36
VCC = 5.5 V
Full range
0.44
IOL = 75 mA‡,
VCC = 5.5 V
Full range
1.65
II
Input current
VI =VCC or GND
VCC =5 5V
25
°C
±0.1
µA
II
Input current
VI = VCC or GND
VCC = 5.5 V
Full range
±1
µA
IOZ
High impedance output current
VO =VCC or GND
VCC =5 5V
25
°C
±0.5
µA
IOZ
High-impedance output current
VO = VCC or GND
VCC = 5.5 V
Full range
±5
µA
ICC
Supply current
VI = VCC or GND,
VCC =5 5V
25
°C
8
µA
ICC
Supply current
ICC
,
IO = 0
VCC = 5.5 V
Full range
80
µA
Ci
Input capacitance
VI = VCC or GND
VCC = 5 V
25
°C
4
pF
Co
Output capacitance
VO = VCC or GND
VCC = 5 V
25
°C
10
pF
† Full range is TA = –40°C to 85°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.


Similar Part No. - CDC209DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC209 TI1-CDC209_15 Datasheet
620Kb / 13P
[Old version datasheet]   3-3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC209DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com