Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE431YS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE431YS
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE431YS Datasheet(HTML) 1 Page - Texas Instruments

  CDCE431YS Datasheet HTML 1Page - Texas Instruments CDCE431YS Datasheet HTML 2Page - Texas Instruments CDCE431YS Datasheet HTML 3Page - Texas Instruments CDCE431YS Datasheet HTML 4Page - Texas Instruments CDCE431YS Datasheet HTML 5Page - Texas Instruments CDCE431YS Datasheet HTML 6Page - Texas Instruments CDCE431YS Datasheet HTML 7Page - Texas Instruments CDCE431YS Datasheet HTML 8Page - Texas Instruments CDCE431YS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
OutputEnable/ProgrammingInterfaceandEEPROMforConfigurationSettings
Crystal
Oscillator
Input
Feedback
Divider
LoopFilter
VCO1
VCO2
Xtal
CE
Program
CLK
NCLK
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
Fully-Integrated, Wide Range, Low-Jitter
Crystal Oscillator Clock Generator
• Two Fully-Integrated Voltage-Controlled
Oscillators (VCO) Support Wide Output
2
• Single Supply at 3.3 V for LVPECL or LVDS
Frequency Range
Operation
• Fully Integrated Programmable Loop Filter
• High-Performance Clock Multiplier,
Incorporating Crystal Oscillator Circuitry with
• Typical Power Consumption at 3.3 V:
Integrated Frequency Synthesizer
274 mW in LVDS mode
• Low Output Jitter: 380 fs RMS typical
250 mW in LVPECL mode
(from 10 kHz to 20 MHz)
• Chip Enable Control Pin
• Low Phase Noise at High Frequency (708-MHz
• Simple Serial Interface Allows Programming
LVPECL):
after Manufacturing
Typically –109 dBc/Hz at 10 kHz and
• Integrated On-Chip Nonvolatile Memory
–146dBc/Hz at 10 MHz from the carrier
(EEPROM) Stores Settings Without Applying
• Supports Crystal or LVCMOS Input
High Voltage
Frequencies from 27.35 MHz to 38.33 MHz
• Available in 4-mm × 4-mm QFN-24 Package
• Output Frequency Ranges from 10.9 MHz to
• ESD Protection Exceeds 2 kV (HBM)
766.7 MHz and from 875.2 MHz to 1175 MHz
• Industrial Temperature Range: –40°C to +85°C
• Low-Voltage Differential Signaling (LVDS)
Output, 100-
Ω Differential Off-Chip
Termination, 10.9-MHz to 400-MHz Frequency
• Low-Cost, High-Frequency Crystal Oscillator
Range
• Differential Low-Voltage Positive Emitter
Coupled Logic (LVPECL) Outputs, 10.9-MHz to
1.175-GHz Frequency Range
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE431YS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
CDCE401YS TI-CDCE401YS Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGER TI-CDCE421RGER Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

Similar Description - CDCE431YS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com