Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC421A106RGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC421A106RGET
Description  Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421A106RGET Datasheet(HTML) 4 Page - Texas Instruments

  CDC421A106RGET Datasheet HTML 1Page - Texas Instruments CDC421A106RGET Datasheet HTML 2Page - Texas Instruments CDC421A106RGET Datasheet HTML 3Page - Texas Instruments CDC421A106RGET Datasheet HTML 4Page - Texas Instruments CDC421A106RGET Datasheet HTML 5Page - Texas Instruments CDC421A106RGET Datasheet HTML 6Page - Texas Instruments CDC421A106RGET Datasheet HTML 7Page - Texas Instruments CDC421A106RGET Datasheet HTML 8Page - Texas Instruments CDC421A106RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DEVICE INFORMATION
CE
NC
NC
NC
NC
NC
NC
V
CC
V
CC
NC
NC
NC
1
2
3
4
5
6
18
17
16
15
14
13
ThermalPad
(BottomSide)
CDC421AXXX
CDC421AXXX
SCAS875 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
RGE PACKAGE
QFN-24
(TOP VIEW)
CDC421Axxx Pin Descriptions
TERMINAL
ESD
NAME
NO.
TYPE
PROTECTION
DESCRIPTION
VCC
16, 17
Power
Y
3.3-V power supply
GND
8, 9
Ground
Y
Ground
XIN1
21
I
Y
In crystal input mode, connect XIN1 to one end of the crystal and XIN2 to the
other end of the crystal.
In LVCMOS single-ended driven mode, XIN1 (pin 21) acts as input reference
XIN2
22
I
N
and XIN2 should connect to GND.
Chip enable (LVCMOS input)
CE
1
I
Y
CE = 1 enables the device and the outputs.
CE = 0 disables all current sources (LVPECLP = LVPECLN = Hi-Z).
High-speed positive differential LVPECL output. (Outputs are enabled by CE
OUTP
10
O
Y
pin.)
High-speed negative differential LVPECL output. (Outputs are enabled by CE
OUTN
7
O
Y
pin.)
2–6, 11–15,
TI test pin. Do not connect; leave floating.
NC
Y
18–20, 23, 24
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Similar Part No. - CDC421A106RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421100 TI-CDC421100 Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGERG4 TI1-CDC421100RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

Similar Description - CDC421A106RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com