Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC421A250RGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC421A250RGER
Description  Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421A250RGER Datasheet(HTML) 2 Page - Texas Instruments

  CDC421A250RGER Datasheet HTML 1Page - Texas Instruments CDC421A250RGER Datasheet HTML 2Page - Texas Instruments CDC421A250RGER Datasheet HTML 3Page - Texas Instruments CDC421A250RGER Datasheet HTML 4Page - Texas Instruments CDC421A250RGER Datasheet HTML 5Page - Texas Instruments CDC421A250RGER Datasheet HTML 6Page - Texas Instruments CDC421A250RGER Datasheet HTML 7Page - Texas Instruments CDC421A250RGER Datasheet HTML 8Page - Texas Instruments CDC421A250RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
CDC421AXXX
SCAS875 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
INPUT
OUTPUT
FREQUENCY OR
FREQUENCY FOR
CRYSTAL
SPECIFIED INPUT
PACKAGE-
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
VALUE (MHz)
FREQUENCY (MHz)
LEAD
MARKING
INFORMATION
QUANTITY
CDC421A100RGET
Tape and reel, 250
CDC421A100
33.3333
100.00
QFN-24
421A100
CDC421A100RGER
Tape and reel, 2500
CDC421A106RGET
Tape and reel, 250
CDC421A106
35.4167
106.25
QFN-24
421A106
CDC421A106RGER
Tape and reel, 2500
CDC421A125RGET
Tape and reel, 250
CDC421A125
31.2500
125.00
QFN-24
421A125
CDC421A125RGER
Tape and reel, 2500
CDC421A156RGET
Tape and reel, 250
CDC421A156
31.2500
156.25
QFN-24
421A156
CDC421A156RGER
Tape and reel, 2500
CDC421A212RGET
Tape and reel, 250
CDC421A212
35.4167
212.50
QFN-24
421A212
CDC421A212RGER
Tape and reel, 2500
CDC421A250RGET
Tape and reel, 250
CDC421A250
31.2500
250.00
QFN-24
421A250
CDC421A250RGER
Tape and reel, 2500
CDC421A312RGET
Tape and reel, 250
CDC421A312
31.2500
312.50
QFN-24
421A312
CDC421A312RGER
Tape and reel, 2500
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
CDC421Axxx
UNIT
VCC
Supply voltage(2)
–0.5 to 4.6
V
VI
Voltage range for all other input pins(2)
–0.5 to VCC to +0.5
V
IO
Output current for LVPECL
–50
mA
ESD
Electrostatic discharge (HBM)
2
kV
TA
Specified free-air temperature range (no airflow)
–40 to +85
°C
TJ
Maximum junction temperature
+125
°C
TSTG
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.0
3.30
3.60
V
TA
Ambient temperature (no airflow, no heatsink)
–40
+85
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Similar Part No. - CDC421A250RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421100 TI-CDC421100 Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGERG4 TI1-CDC421100RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

Similar Description - CDC421A250RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com