Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236AILS8-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1236AILS8-5
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AILS8-5 Datasheet(HTML) 5 Page - Linear Technology

  LT1236AILS8-5 Datasheet HTML 1Page - Linear Technology LT1236AILS8-5 Datasheet HTML 2Page - Linear Technology LT1236AILS8-5 Datasheet HTML 3Page - Linear Technology LT1236AILS8-5 Datasheet HTML 4Page - Linear Technology LT1236AILS8-5 Datasheet HTML 5Page - Linear Technology LT1236AILS8-5 Datasheet HTML 6Page - Linear Technology LT1236AILS8-5 Datasheet HTML 7Page - Linear Technology LT1236AILS8-5 Datasheet HTML 8Page - Linear Technology LT1236AILS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1236LS8
5
1236ls8f
Typical perForMance characTerisTics
Load Transient Response,
CLOAD = 0
Load Transient Response,
CLOAD = 1000pF
Output Noise 0.1Hz to 10Hz
Thermal Regulation
TIME (µs)
2
1236ls8 G11
1
0
2
4
1
3
3
0
4
ISOURCE = 2-10mA
ISOURCE = 0.5mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
50mV
50mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
TIME (µs)
10
1236ls8 G12
5
0
10
20
5
15
15
0
20
ISOURCE = 2-10mA
ISOURCE = 0.2mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
20mV
20mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
TIME (ms)
–1.0
– 0.5
140
1236ls8 G10
20
60
100
0
0
40
80
120
LOAD
REGULATION
THERMAL
REGULATION*
ILOAD = 10mA
*INDEPENDENT OF TEMPERATURE COEFFICIENT
VIN = 25V
∆POWER = 200mW
TIME (MINUTES)
0
3
5
1236ls8 G13
1
2
4
6
5µV (1ppm)
FILTERING = 1 ZERO AT ORIGIN
1 POLE AT 0.1Hz
2 POLES AT 10Hz


Similar Part No. - LT1236AILS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236AI LINER-LT1236AI Datasheet
262Kb / 12P
   Precision Reference
LT1236AIN8-10 LINER-LT1236AIN8-10 Datasheet
262Kb / 12P
   Precision Reference
LT1236AIN8-5 LINER-LT1236AIN8-5 Datasheet
262Kb / 12P
   Precision Reference
LT1236AIS8-10 LINER-LT1236AIS8-10 Datasheet
262Kb / 12P
   Precision Reference
LT1236AIS8-5 LINER-LT1236AIS8-5 Datasheet
262Kb / 12P
   Precision Reference
More results

Similar Description - LT1236AILS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236LS8 LINER-LT1236LS8_15 Datasheet
232Kb / 16P
   Precision, Low Noise, Low Profile Hermetic Voltage Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com