Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM72BF32 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM72BF32
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BF32 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM72BF32 Datasheet HTML 1Page - Motorola, Inc MCM72BF32 Datasheet HTML 2Page - Motorola, Inc MCM72BF32 Datasheet HTML 3Page - Motorola, Inc MCM72BF32 Datasheet HTML 4Page - Motorola, Inc MCM72BF32 Datasheet HTML 5Page - Motorola, Inc MCM72BF32 Datasheet HTML 6Page - Motorola, Inc MCM72BF32 Datasheet HTML 7Page - Motorola, Inc MCM72BF32 Datasheet HTML 8Page - Motorola, Inc MCM72BF32 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MCM72BF32
•MCM72BF64
4
MOTOROLA FAST SRAM
32K x 72 BurstRAM MEMORY MODULE BLOCK DIAGRAM
LW
MCM67B518
A4 – A14
ADV
K
G
E
DQ0 – DQ7
A7 – A17
E0
11
DQ8
UW
ADSP
ADSC
DQ9 – DQ16
DQ17
ADV0
ADSP0
ADSC0
K0
G0
DQ0 – DQ7
DQP0
DQ8 – DQ15
DQP1
W0
W1
8
8
LW
MCM67B518
A4 – A14
ADV
K
G
E
DQ0 – DQ7
DQ8
UW
ADSP
ADSC
DQ9 – DQ16
DQ17
DQ16 – DQ23
DQP2
DQ24 – DQ31
DQP3
W2
W3
8
8
A0 – A3
A3A – A6A
A0 – A3
LW
MCM67B518
A4 – A14
ADV
K
G
E
DQ0 – DQ7
E1
DQ8
UW
ADSP
ADSC
DQ9 – DQ16
DQ17
ADV1
ADSP1
ADSC1
K1
G1
DQ32 – DQ39
DQP4
DQ40 – DQ47
DQP5
W4
W5
8
8
LW
MCM67B518
A4 – A14
ADV
K
G
E
DQ0 – DQ7
DQ8
UW
ADSP
ADSC
DQ9 – DQ16
DQ17
DQ48 – DQ55
DQP6
DQ56 – DQ63
DQP7
W6
W7
8
8
A0 – A3
A3B – A6B
A0 – A3
4
A18
NC
4
DQ0 – DQ63 and DQP0 – DQP7 have 20
Ω series termination resistors.


Similar Part No. - MCM72BF32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG50 MOTOROLA-MCM72BA32SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG60 MOTOROLA-MCM72BA32SG60 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG66 MOTOROLA-MCM72BA32SG66 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA64SG50 MOTOROLA-MCM72BA64SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BF32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com