Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8274 Datasheet(PDF) 7 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8274
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8274 Datasheet(HTML) 7 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8274_11 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8274
Rev. C | Page 7 of 16
8
6
4
2
0
–2
–4
–6
–8–4
–3
–2
–1
01234
OUTPUT VOLTAGE (V)
–3.5V, +6.9V
–1.0V, +2.7V
+1.0V, +2.2V
+1.0, –2.6V
–3.5V, –5.2V
+3.5V, +5.2V
G = 2
VS = ±5V
VS = ±2.5V
+3.5V, –6.9V
–1.0V, –2.0V
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
Gain = 2, ±5 V and ±2.5 V Supplies
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
100
1M
100k
10k
1k
110
POSITIVE PSRR
NEGATIVE PSRR
Figure 12. Power Supply Rejection Ratio vs. Frequency,
Gain = ½, Referred to Output
32
28
24
20
16
12
8
4
0
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
±15V SUPPLY
±5V SUPPLY
Figure 13. Maximum Output Voltage vs. Frequency
10
5
0
–5
–10
–15
–20
1k
100
10k
100k
1M
100M
10M
FREQUENCY(Hz)
G = 2
G = ½
Figure 14. Gain vs. Frequency
120
100
80
60
40
20
0
1k
100
10
10k
100k
1M
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
Figure 15. Common-Mode Rejection Ratio vs. Frequency, Referred to Input
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–40
–20
20
60
TEMPERATURE (°C)
040
80
100
120
SOURCING
SINKING
Figure 16. Short-Circuit Current vs. Temperature


Similar Part No. - AD8274_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8274 AD-AD8274 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
AD8274 AD-AD8274 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results

Similar Description - AD8274_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com