Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP1208 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1208
Description  Eight LVPECL Output, High-Performance Clock 2:8 Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1208 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVP1208 Datasheet HTML 1Page - Texas Instruments CDCLVP1208 Datasheet HTML 2Page - Texas Instruments CDCLVP1208 Datasheet HTML 3Page - Texas Instruments CDCLVP1208 Datasheet HTML 4Page - Texas Instruments CDCLVP1208 Datasheet HTML 5Page - Texas Instruments CDCLVP1208 Datasheet HTML 6Page - Texas Instruments CDCLVP1208 Datasheet HTML 7Page - Texas Instruments CDCLVP1208 Datasheet HTML 8Page - Texas Instruments CDCLVP1208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CDCLVP1208
SCAS890B
– OCTOBER 2009 – REVISED AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES
FEATURES
CDCLVP1208RHDT
28-pin QFN (RHD) package, small tape and reel
–40°C to +85°C
CDCLVP1208RHDR
28-pin QFN (RHD) package, tape and reel
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
CDCLVP1208
UNIT
VCC
Supply voltage range(2)
–0.5 to 4.6
V
VIN
Input voltage range (3)
–0.5 to VCC +0.5
V
VOUT
Output voltage range (3)
–0.5 to VCC+0.5
V
IIN
Input current
20
mA
IOUT
Output current
50
mA
TA
Specified free-air temperature range (no airflow)
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
+125
°C
ESD
Electrostatic discharge (HBM)
2
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All supply voltages must be supplied simultaneously.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
CDCLVP1208
PARAMETER
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.375
2.50/3.30
3.60
V
TA
Ambient temperature
–40
+85
°C
PACKAGE DISSIPATION RATINGS
(1) (2)
VALUE
TEST
4
× 4 VIAS
PARAMETER
CONDITIONS
ON PAD
UNIT
0 LFM
39.8
°C/W
θJA
Thermal resistance, junction-to-ambient
150 LFM
33.1
°C/W
400 LFM
31.4
°C/W
θJP
(3)
Thermal resistance, junction-to-pad
6.12
°C/W
(1)
The package thermal resistance is calculated in accordance with JESD 51 and JEDEC 2S2P (high-K board).
(2)
Connected to GND with 16 thermal vias (0.3-mm diameter).
(3)
θJP (junction-to-pad) is used for the QFN package, because the primary heat flow is from the junction to the GND pad of the QFN
package.
2
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1208


Similar Part No. - CDCLVP1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI-CDCLVP1204RGTR Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI1-CDCLVP1204RGTR Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI1-CDCLVP1204RGTT Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com