Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8273 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8273
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8273 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  AD8273 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Very Low Distortion,
Precision Difference Amplifier
AD8274
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Very low distortion
0.00025% THD + N (20 kHz)
0.0015% THD + N (100 kHz)
Drives 600 Ω loads
Excellent gain accuracy
0.03% maximum gain error
2 ppm/°C maximum gain drift
Gain of ½ or 2
AC specifications
20 V/μs minimum slew rate
800 ns to 0.01% settling time
High accuracy dc performance
83 dB minimum CMRR
700 μV maximum offset voltage
8-lead SOIC and MSOP packages
Supply current: 2.6 mA maximum
Supply range: ±2.5 V to ±18 V
APPLICATIONS
ADC driver
High performance audio
Instrumentation amplifier building blocks
Level translators
Automatic test equipment
Sine/cosine encoders
FUNCTIONAL BLOCK DIAGRAM
2
5
3
1
6
7
4
12kΩ
6kΩ
12kΩ
–VS
+VS
6kΩ
Figure 1.
Table 1. Difference Amplifiers by Category
GENERAL DESCRIPTION
The AD8274 is a difference amplifier that delivers excellent ac
and dc performance. Built on Analog Devices, Inc., proprietary
iPolar® process and laser-trimmed resistors, AD8274 achieves a
breakthrough in distortion vs. current consumption and has
excellent gain drift, gain accuracy, and CMRR.
Distortion in the audio band is an extremely low 0.00025%
(112 dB) at a gain of ½ and 0.00035% (109 dB) at a gain of 2
while driving a 600 Ω load
With supply voltages up to ±18 V (+36 V single supply), the
AD8274 is well suited for measuring large industrial signals.
Additionally, the part’s resistor divider architecture allows it to
measure voltages beyond the supplies.
With no external components, the AD8274 can be configured
as a G = ½ or G = 2 difference amplifier. For single-ended
applications that need high gain stability or low distortion
performance, the AD8274 can also be configured for several
gains ranging from −2 to +3.
The excellent distortion and dc performance of the AD8274,
along with its high slew rate and bandwidth, make it an excellent
ADC driver. Because of the part’s high output drive, it also
makes a very good cable driver.
The AD8274 only requires 2.6 mA maximum supply current. It
is specified over the industrial temperature range of −40°C to
+85°C and is fully RoHS compliant. For the dual version, see the
AD8273 data sheet.
Low
Distortion
High
Voltage
Single-Supply
Unidirectional
Single-Supply
Bidirectional
AD8270
AD628
AD8202
AD8205
AD8273
AD629
AD8203
AD8206
AD8274
AD8216
AMP03


Similar Part No. - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Aavid, Thermal Division...
AD8273 AAVID-AD8273 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Similar Description - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com