Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8273 Datasheet(PDF) 3 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8273
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8273 Datasheet(HTML) 3 Page - Aavid, Thermal Division of Boyd Corporation

  AD8273 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8274
Rev. C | Page 3 of 16
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, RL = 2 kΩ, unless otherwise noted.
Table 2.
G = ½
G = 2
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
20
10
MHz
Slew Rate
20
20
V/μs
Settling Time to 0.1%
10 V step on output,
CL = 100 pF
650
750
675
775
ns
Settling Time to 0.01%
10 V step on output,
CL = 100 pF
725
800
750
825
ns
NOISE/DISTORTION1
THD + Noise
f = 1 kHz,
VOUT = 10 V p-p,
600 Ω load
0.00025
0.00035
%
Noise Floor, RTO2
20 kHz BW
−106
−100
dBu
Output Voltage Noise
(Referred to Output)
f = 20 Hz to 20 kHz
3.5
7
μV rms
f = 1 kHz
26
52
nV/√Hz
GAIN
Gain Error
0.03
0.03
%
Gain Drift
−40°C to +85°C
0.5
2
0.5
2
ppm/°C
Gain Nonlinearity
VOUT = 10 V p-p,
600 Ω load
2
2
ppm
INPUT CHARACTERISTICS
Offset3
Referred to output
150
700
300
1100
μV
vs. Temperature
−40°C to +85°C
3
6
μV/°C
vs. Power Supply
VS = ±2.5 V to ±18 V
5
10
μV/V
Common-Mode Rejection
Ratio
VCM = ±40 V,
RS = 0 Ω,
referred to input
77
86
83
92
dB
Input Voltage Range4
3(−VS + 1.5)
3(+VS − 1.5)
1.5(−VS + 1.5)
1.5(+VS – 1.5)
V
Impedance5
Differential
VCM = 0 V
36
9
Common Mode6
9
9
OUTPUT CHARACTERISTICS
Output Swing
−VS + 1.5
+VS − 1.5
−VS + 1.5
+VS − 1.5
V
Short-Circuit Current Limit
Sourcing
90
90
mA
Sinking
60
60
mA
Capacitive Load Drive
200
1200
pF
POWER SUPPLY
Supply Current (per
Amplifier)
2.3
2.6
2.3
2.6
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
−40
+85
°C
1 Includes amplifier voltage and current noise, as well as noise of internal resistors.
2 dBu = 20 log(V rms/0.7746).
3 Includes input bias and offset current errors.
4 May also be limited by absolute maximum input voltage or by the output swing. See the Absolute Maximum Ratings section and Figure 8 through Figure 11 for details.
5 Internal resistors are trimmed to be ratio matched but to have ±20% absolute accuracy.
6 Common mode is calculated by looking into both inputs. The common-mode impedance at only one input is 18 kΩ.


Similar Part No. - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Aavid, Thermal Division...
AD8273 AAVID-AD8273 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Similar Description - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com