Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP2104RHDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2104RHDR
Description  Eight LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2104RHDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVP2104RHDR Datasheet HTML 2Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 3Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 4Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 5Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 6Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 7Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 8Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 9Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
OUTP4
OUTN4
OUTP5
OUTN5
OUTP6
OUTN6
8
9
10
11
12
14
13
22
23
24
25
26
27
28
V
CC
V
CC
V
AC_REF0
ThermalPad
(1)
CDCLVP2104
INP0
INN0
OUTP0
OUTN0
GND
CDCLVP2104
SCAS889A
– OCTOBER 2009 – REVISED AUGUST 2011
www.ti.com
RHD PACKAGE
QFN-28
(TOP VIEW)
(1)
Thermal pad must be soldered to ground.
PIN DESCRIPTIONS
CDCLVP2104 Pin Descriptions
TERMINAL
TERMINAL
NAME
NO.
TYPE
DESCRIPTION
VCC
8, 15, 28
Power
2.5-/3.3-V supplies for the device
GND
1, 14
Ground
Device grounds
INP0, INN0
9, 10
Input
Differential input pair or single-ended input no. 0
INP1, INN1
5, 6
Input
Differential input pair or single-ended input no. 1
OUTP7, OUTN7
2, 3
Output
Differential LVPECL output pair no. 7
OUTP6, OUTN6
26, 27
Output
Differential LVPECL output pair no. 6
OUTP5, OUTN5
24, 25
Output
Differential LVPECL output pair no. 5
OUTP4, OUTN4
22, 23
Output
Differential LVPECL output pair no. 4
OUTP3, OUTN3
20, 21
Output
Differential LVPECL output pair no. 3
OUTP2, OUTN2
18, 19
Output
Differential LVPECL output pair no. 2
OUTP1, OUTN1
16, 17
Output
Differential LVPECL output pair no. 1
OUTP0 OUTN0
12, 13
Output
Differential LVPECL output pair no. 0
Bias voltage output for capacitive coupled input pair no. 0. Do not use VAC_REF at VCC <
VAC_REF0
11
Output
3.0 V. If used, it is recommended to use a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
Bias voltage output for capacitive coupled input pair no. 1. Do not use VAC_REF at VCC <
VAC_REF1
7
Output
3.0 V. If used, it is recommended to use a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
NC
4
Do not connect
6
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP2104


Similar Part No. - CDCLVP2104RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2104RHDR TI1-CDCLVP2104RHDR Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2104RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP1208 TI1-CDCLVP1208 Datasheet
766Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock 2:8 Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com