Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3U30P1 Datasheet(PDF) 3 Page - Linear Technology

Part # SBR3U30P1
Description  42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

SBR3U30P1 Datasheet(HTML) 3 Page - Linear Technology

  SBR3U30P1 Datasheet HTML 1Page - Linear Technology SBR3U30P1 Datasheet HTML 2Page - Linear Technology SBR3U30P1 Datasheet HTML 3Page - Linear Technology SBR3U30P1 Datasheet HTML 4Page - Linear Technology SBR3U30P1 Datasheet HTML 5Page - Linear Technology SBR3U30P1 Datasheet HTML 6Page - Linear Technology SBR3U30P1 Datasheet HTML 7Page - Linear Technology SBR3U30P1 Datasheet HTML 8Page - Linear Technology SBR3U30P1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
//htmlimg2.alldatasheet.net/htmldatasheet2/461836/LINER/SBR3U30P1/468/3/SBR3U30P1.png


Similar Part No. - SBR3U30P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U30P1 DIODES-SBR3U30P1 Datasheet
315Kb / 4P
   3.0A SBR Super Barrier Rectifier PowerDI TM 123
SBR3U30P1 Rev. 3 - 2
SBR3U30P1-7 DIODES-SBR3U30P1-7 Datasheet
315Kb / 4P
   3.0A SBR Super Barrier Rectifier PowerDI TM 123
SBR3U30P1 Rev. 3 - 2
More results

Similar Description - SBR3U30P1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3975 LINER-LT3975_15 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
LT3995 LINER-LT3995 Datasheet
352Kb / 24P
   60V, 3A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Linear Dimensions Semic...
LT8611EUDDPBF LINEAR_DIMENSIONS-LT8611EUDDPBF Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5關A Quiescent Current
logo
Linear Technology
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com