Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

750312559 Datasheet(PDF) 11 Page - Linear Technology

Part # 750312559
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

750312559 Datasheet(HTML) 11 Page - Linear Technology

Back Button 750312559 Datasheet HTML 7Page - Linear Technology 750312559 Datasheet HTML 8Page - Linear Technology 750312559 Datasheet HTML 9Page - Linear Technology 750312559 Datasheet HTML 10Page - Linear Technology 750312559 Datasheet HTML 11Page - Linear Technology 750312559 Datasheet HTML 12Page - Linear Technology 750312559 Datasheet HTML 13Page - Linear Technology 750312559 Datasheet HTML 14Page - Linear Technology 750312559 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8300
11
8300f
applicaTions inForMaTion
Figure 4. Output Power for 24V Output
Figure 1. Output Power for 3.3V Output
Figure 2. Output Power for 5V Output
Figure 3. Output Power for 12V Output
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F01
100
N = 12:1
MAXIMUM
OUTPUT
POWER
N = 8:1
N = 6:1
N = 4:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F02
100
MAXIMUM
OUTPUT
POWER
N = 2:1
N = 4:1
N = 6:1
N = 8:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F03
100
N = 4:1
MAXIMUM
OUTPUT
POWER
N = 3:1
N = 2:1
N = 1:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F04
100
N = 1:1
N = 3:2
N = 1:2
MAXIMUM
OUTPUT
POWER
N = 2:1
Primary Inductance Requirement
The LT8300 obtains output voltage information from the
reflected output voltage on the SW pin. The conduction
of secondary current reflects the output voltage on the
primarySWpin.Thesample-and-holderroramplifierneeds
aminimum350nstosettleandsamplethereflectedoutput
voltage. In order to ensure proper sampling, the second-
ary winding needs to conduct current for a minimum of
350ns. The following equation gives the minimum value
for primary-side magnetizing inductance:
LPRI
tOFF(MIN) •NPS • VOUT + VF
(
)
ISW(MIN)
tOFF(MIN) = Minimum switch-off time = 350ns
ISW(MIN) = Minimum switch current limit = 52mA
In addition to the primary inductance requirement for
the minimum switch-off time, the LT8300 has minimum
switch-on time that prevents the chip from turning on
the power switch shorter than approximately 160ns. This
minimumswitch-ontimeismainlyforleading-edgeblank-
ing the initial switch turn-on current spike. If the inductor
current exceeds the desired current limit during that time,
oscillation may occur at the output as the current control
loopwillloseitsabilitytoregulate.Therefore,thefollowing
equation relating to maximum input voltage must also be
followedinselectingprimary-sidemagnetizinginductance:
LPRI
tON(MIN) • VIN(MAX)
ISW(MIN)
tON(MIN) = Minimum Switch-On Time = 160ns


Similar Part No. - 750312559

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
750312559 WURTH-750312559 Datasheet
175Kb / 1P
   TRANSFORMER
More results

Similar Description - 750312559

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Linear Technology
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
   Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
   42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 AD-LT8302 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Linear Technology
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Analog Devices
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
   40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com