Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3575 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3575
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3575 Datasheet HTML 5Page - Linear Technology LT3575 Datasheet HTML 6Page - Linear Technology LT3575 Datasheet HTML 7Page - Linear Technology LT3575 Datasheet HTML 8Page - Linear Technology LT3575 Datasheet HTML 9Page - Linear Technology LT3575 Datasheet HTML 10Page - Linear Technology LT3575 Datasheet HTML 11Page - Linear Technology LT3575 Datasheet HTML 12Page - Linear Technology LT3575 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8300
9
8300f
operaTion
effective quiescent current to improve light load efficiency.
In this condition, the LT8300 operates in low ripple Burst
Mode. The typical 7.5kHz minimum switching frequency
Output Voltage
The RFB resistor as depicted in the Block Diagram is the
only external resistor used to program the output voltage.
The LT8300 operates similar to traditional current mode
switchers, except in the use of a unique flyback pulse
sense circuit and a sample-and-hold error amplifier, which
sample and therefore regulate the isolated output voltage
from the flyback pulse.
Operation is as follows: when the power switch M1 turns
off, the SW pin voltage rises above the VIN supply. The
amplitude of the flyback pulse, i.e., the difference between
the SW pin voltage and VIN supply, is given as:
VFLBK = (VOUT + VF + ISEC • ESR) • NPS
VF = Output diode forward voltage
ISEC = Transformer secondary current
ESR = Total impedance of secondary circuit
NPS = Transformer effective primary-to-secondary
turns ratio
The flyback voltage is then converted to a current IRFB by
the flyback pulse sense circuit (M2 and M3). This cur-
rent IRFB also flows through the internal trimmed 12.23k
RREF resistor to generate a ground-referred voltage. The
resultingvoltagefeedstotheinvertinginputofthesample-
and-hold error amplifier. Since the sample-and-hold error
amplifier samples the voltage when the secondary current
is zero, the (ISEC • ESR) term in the VFLBK equation can be
assumed to be zero.
The bandgap reference voltage VBG, 1.223V, feeds to the
non-inverting input of the sample-and-hold error ampli-
fier. The relatively high gain in the overall loop causes
the voltage across RREF resistor to be nearly equal to the
applicaTions inForMaTion
determines how often the output voltage is sampled and
also the minimum load requirement.
bandgap reference voltage VBG. The resulting relationship
between VFLBK and VBG can be expressed as:
VFLBK
RFB


• RREF = VBG
or
VFLBK =
VBG
RREF


• RFB = IRFB • RFB
VBG = Bandgap reference voltage
IRFB = RFB regulation current = 100µA
Combination with the previous VFLBK equation yields an
equation for VOUT,intermsoftheRFBresistor,transformer
turns ratio, and diode forward voltage:
VOUT = 100µA •
RFB
NPS


− VF
Output Temperature Coefficient
The first term in the VOUTequationdoesnothavetempera-
ture dependence, but the output diode forward voltage VF
hasasignificantnegativetemperaturecoefficient(–1mV/°C
to –2mV/°C). Such a negative temperature coefficient pro-
duces approximately 200mV to 300mV voltage variation
on the output voltage across temperature.
Forhighervoltageoutputs,suchas12Vand24V,theoutput
diode temperature coefficient has a negligible effect on the
output voltage regulation. For lower voltage outputs, such
as 3.3V and 5V, however, the output diode temperature
coefficientdoescountforanextra2%to5%outputvoltage
regulation. For customers requiring tight output voltage
regulation across temperature, please refer to other LTC
parts with integrated temperature compensation features.


Similar Part No. - LT3575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3575 LINER-LT3575 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3575 LINER-LT3575 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LT3575 AD-LT3575 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3575 AD-LT3575 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT3575 AD-LT3575 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
More results

Similar Description - LT3575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Linear Technology
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
   Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
   42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 AD-LT8302 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Linear Technology
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Analog Devices
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
   40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com