Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R818AZP6R Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM69R818AZP6R
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R818AZP6R Datasheet(HTML) 5 Page - Motorola, Inc

  MCM69R818AZP6R Datasheet HTML 1Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 2Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 3Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 4Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 5Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 6Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 7Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 8Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MCM69R736A
•MCM69R818A
5
MOTOROLA FAST SRAM
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS, See Note 1)
Rating
Symbol
Value
Unit
Core Supply Voltage
VDD
– 0.5 to + 4.6
V
Output Supply Voltage
VDDQ
– 0.5 to VDD + 0.5
V
Voltage On Any Pin
Vin
– 0.5 to VDD + 0.5
V
Input Current (per I/O)
Iin
± 50
mA
Output Current (per I/O)
Iout
± 70
mA
Power Dissipation (See Note 2)
PD
W
Operating Temperature
TA
0 to + 70
°C
Temperature Under Bias
Tbias
–10 to + 85
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for extended
periods of time could affect device reliability.
2. Power dissipation capability will be dependent upon package characteristics and use
environment. See enclosed thermal impedance data.
PBGA PACKAGE THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Notes
Junction to Ambient (Still Air)
R
θJA
53
°C/W
1, 2
Junction to Ambient (@200 ft/min)
Single Layer Board
R
θJA
38
°C/W
1, 2
Junction to Ambient (@200 ft/min)
Four Layer Board
R
θJA
22
°C/W
Junction to Board (Bottom)
R
θJB
14
°C/W
3
Junction to Case (Top)
R
θJC
5
°C/W
4
NOTES:
1. Junction temperature is a function of on–chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2. Per SEMI G38–87.
3. Indicates the average thermal resistance between the die and the printed circuit board.
4. Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC–883
Method 1012.1).
CLOCK TRUTH TABLE
K
ZZ
SS
SW
SBa
SBb
SBc
SBd
DQ (n)
DQ (n+1)
Mode
L – H
L
L
H
X
X
X
X
X
Dout 0–35
Read Cycle All Bytes
L – H
L
L
L
L
H
H
H
High–Z
Din 0–8
Write Cycle 1st Byte
L – H
L
L
L
H
L
H
H
High–Z
Din 9–17
Write Cycle 2nd Byte
L – H
L
L
L
H
H
L
H
High–Z
Din 18–26
Write Cycle 3rd Byte
L – H
L
L
L
H
H
H
L
High–Z
Din 27–35
Write Cycle 4th Byte
L – H
L
L
L
L
L
L
L
High–Z
Din 0–35
Write Cycle All Bytes
L – H
L
L
L
H
H
H
H
High–Z
High–Z
Abort Write Cycle
L – H
L
H
H
X
X
X
X
X
High–Z
Deselect Cycle
L – H
L
H
L
X
X
X
X
High–Z
High–Z
Deselect Cycle
X
H
X
X
X
X
X
X
High–Z
High–Z
Sleep Mode
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This BiCMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.
This device contains circuitry that will ensure
the output devices are in High–Z at power up.


Similar Part No. - MCM69R818AZP6R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
   Memory Products
More results

Similar Description - MCM69R818AZP6R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com