Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R818AZP6R Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM69R818AZP6R
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R818AZP6R Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM69R818AZP6R Datasheet HTML 3Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 4Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 5Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 6Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 7Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 8Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 9Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 10Page - Motorola, Inc MCM69R818AZP6R Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MCM69R736A
•MCM69R818A
7
MOTOROLA FAST SRAM
PROGRAMMABLE IMPEDANCE OUTPUT BUFFER OPERATION
Refer to Functional Operation section for more detailed explanation.
DC OUTPUT BUFFER CHARACTERISTICS – PROGRAMMABLE IMPEDANCE PUSH–PULL OUTPUT BUFFER MODE
(0
°C ≤ TA ≤ 70°C, ZQ = IZQ (out) (RQ)) (See Notes 5 and 6)
Parameter
Symbol
Min
Max
Unit
Notes
Output Logic Low
VOL
VDDQ/2 – 0.025
VDDQ/2 + 0.025
V
1
Output Logic High
VOH
VDDQ/2 – 0.025
VDDQ/2 + 0.025
V
2
Light Load Output Logic Low
VOL1
VSS
0.2
V
3
Light Load Output Logic High
VOH1
VDDQ – 0.2
VDDQ
V
4
NOTES:
1. IOL = (VDDQ/2)/(RQ/5) for values of RQ = 175 Ω ≤ RQ ≤ 350 Ω.
2. | IOH | = (VDDQ/2)/(RQ/5) for values of RQ = 175 Ω ≤ RQ ≤ 350 Ω.
3. IOL ≤ 100 µA.
4. | IOH | ≤ 100 µA.
5. The impedance controlled mode is expected to be used in point–to–point applications, driving high impedance inputs.
6. The ZQ pin is connected through RQ to VSS for the controlled impedance mode.
DC OUTPUT BUFFER CHARACTERISTICS – MINIMUM IMPEDANCE PUSH–PULL OUTPUT BUFFER MODE
(
0
°C ≤ TA ≤ 70°C, ZQ = VDD) (See Notes 5 and 6)
Parameter
Symbol
Min
Max
Unit
Notes
Output Logic Low
VOL2
VSS
0.4
V
1
Output Logic High
VOH2
VDDQ – 0.4
VDDQ
V
2
Light Load Output Logic Low
VOL3
VSS
0.2
V
3
Light Load Output Logic High
VOH3
VDDQ – 0.2
VDDQ
V
4
NOTES:
1. IOL ≤ 8 mA
2. | IOH |≤ 8 mA
3. IOL ≤ 100 µA
4. | IOH |≤ 100 µA
5. The push–pull output mode is expected to be used in bussed applications and may be series or parallel terminated. Conforms to the JEDEC
Standard JESD8–6 Class 1.
6. The ZQ pin is connected to VDD to enable the minimum impedance mode.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, 0
°C ≤ TA ≤ 70°C, Periodically Sampled Rather Than 100% Tested)
Characteristic
Symbol
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF
CK, CK Capacitance
CCK
4
5
pF


Similar Part No. - MCM69R818AZP6R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
   Memory Products
More results

Similar Description - MCM69R818AZP6R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com