Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J475KE19D Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # GRM188R60J475KE19D
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GRM188R60J475KE19D Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button GRM188R60J475KE19D Datasheet HTML 4Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 5Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 6Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 7Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 8Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 9Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 10Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 11Page - Freescale Semiconductor, Inc GRM188R60J475KE19D Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MMA25312BT1
11
RF Device Data
Freescale Semiconductor, Inc.
PRODUCT DOCUMENTATION, SOFTWARE AND TOOLS
Refer to the following documents, software and tools to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
• AN3100: General Purpose Amplifier and MMIC Biasing
Software
• .s2p File
Development Tools
• Printed Circuit Boards
For Software and Tools, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the
Software & Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
Sept. 2012
• Initial Release of Data Sheet


Similar Part No. - GRM188R60J475KE19D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J475KE19D MURATA-GRM188R60J475KE19D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Micrel Semiconductor
GRM188R60J475KE19D MICREL-GRM188R60J475KE19D Datasheet
1Mb / 19P
   4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
logo
Skyworks Solutions Inc.
GRM188R60J475KE19D SKYWORKS-GRM188R60J475KE19D Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
logo
NXP Semiconductors
GRM188R60J475KE19D NXP-GRM188R60J475KE19D Datasheet
342Kb / 10P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
GRM188R60J475KE19D NXP-GRM188R60J475KE19D Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results

Similar Description - GRM188R60J475KE19D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com