Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT163374APAC Datasheet(PDF) 5 Page - Texas Instruments

Part # CY74FCT163374APAC
Description  16-Bit Registers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163374APAC Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT163374APAC Datasheet HTML 1Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 2Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 3Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 4Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 5Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 6Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 7Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 8Page - Texas Instruments CY74FCT163374APAC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY74FCT163374
CY74FCT163H374
5
Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V
[14,15]
Parameter
Description
CY74FCT163LD374[18]
CY74FCT163LDH374
CY74FCT163LD374A[18]
CY74FCT163LDH374A
Min.
Max.
Min.
Max.
Unit
Fig. No.[16]
tPLH
tPHL
Propagation Delay Clock to
Q Output
1.5
10
1.5
6.5
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
12.5
1.5
6.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
8.0
1.5
5.5
ns
1, 7, 8
tSU
Input Setup time
2.0
2.0
ns
1, 4
tH
Input Hold time
1.5
1.5
ns
1, 4
tSK(O)
Output Skew[17]
0.5
0.5
ns
Note:
18. For Lite Drive devices the load capacitance is 30 pF. For all others it is 50 pF.
Ordering Information CY74FCT163374
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.2
CY74FCT163374CPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163374CPVC/PVCT
O48
48-Lead (300-Mil) SSOP
6.5
CY74FCT163374APACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
Ordering Information CY74FCT163H374
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.2
74FCT163H374CPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163H374CPVC
O48
48-Lead (300-Mil) SSOP
74FCT163H374CPVCT
O48
48-Lead (300-Mil) SSOP


Similar Part No. - CY74FCT163374APAC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373 TI1-CY74FCT163373 Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPAC TI1-CY74FCT163373CPAC Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPACT TI-CY74FCT163373CPACT Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPACT TI1-CY74FCT163373CPACT Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
More results

Similar Description - CY74FCT163374APAC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com