Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XDAC34SH84IZAY Datasheet(PDF) 6 Page - Texas Instruments

Part # XDAC34SH84IZAY
Description  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XDAC34SH84IZAY Datasheet(HTML) 6 Page - Texas Instruments

Back Button XDAC34SH84IZAY Datasheet HTML 2Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 3Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 4Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 5Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 6Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 7Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 8Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 9Page - Texas Instruments XDAC34SH84IZAY Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
DAC34SH84
SLAS808B – FEBRUARY 2012 – REVISED JULY 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
LVDS SYNC positive input. Internal 100-
Ω termination resistor. If unused it can be left unconnected.
SYNCP
A8
I
The PARITY, SYNC, and ISTR inputs are rotated to allow complete reversal of the data interface
when setting the rev_interface bit in register config1.
SYNCN
B8
I
LVDS SYNC negative input
RESETB
N10
I
Active-low input for chip RESET. Internal pullup
Transmit enable active-high input. Internal pulldown
To enable analog output data transmission, set sif_txenable in register config3 to 1 or pull the CMOS
TXENA
N9
I
TXENA pin to high.
To disable analog output, set sif_txenable to 0 and pull the CMOS TXENA pin to low. The DAC
output is forced to midscale.
TESTMODE
L11
I
This pin is used for factory testing. Internal pulldown. Leave unconnected for normal operation
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
D7, L7
I
DACVDD or DIGVDD for normal operation
ORDERING INFORMATION(1)
TA
ORDER CODE
PACKAGE DRAWING/TYPE
TRANSPORT MEDIA
QUANTITY
DAC34SH84IZAY
Tray
160
–40°C to 85°C
ZAY / 196 NFBGA
DAC34SH84IZAYR
Tape and reel
1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
DACVDD, DIGVDD, CLKVDD
–0.5
1.5
V
VFUSE
–0.5
1.5
V
Supply voltage
range(2)
IOVDD, IOVDD2
–0.5
4
V
AVDD, PLLAVDD
–0.5
4
V
DAB[15..0]P/N, DCD[15..0]P/N, DATACLKP/N, ISTRP/N, PARITYCDP/N,
–0.5
IOVDD + 0.5
V
SYNCP/N
DACCLKP/N, OSTRP/N
–0.5
CLKVDD + 0.5
V
ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TESTMODE,
–0.5
IOVDD2 + 0.5
V
Pin voltage range(2)
TXENA
IOUTAP/N, IOUTBP/N, IOUTCP/N, IOUTDP/N
–1.0
AVDD + 0.5
V
EXTIO, BIASJ
–0.5
AVDD + 0.5
V
LPF
–0.5
PLLAVDD + 0.5
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Absolute maximum junction temperature, TJ
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under Recommended Operating Conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DAC34SH84


Similar Part No. - XDAC34SH84IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XDAC34SH84IZAY TI1-XDAC34SH84IZAY Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - XDAC34SH84IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com